Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AS05804PS-X-R Datasheet (PDF) - PUI audio inc.

AS05804PS-X-R Datasheet PDF - PUI audio inc.
No. de pieza AS05804PS-X-R
Descarga  AS05804PS-X-R Descarga
Tamaño del archivo   375.71 Kbytes
Page   4 Pages
Fabricante Electrónico  PUIAUDIO [PUI audio inc.]
Página de inicio  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.
Descripción Electrónicos Enhances bass response in many speakers from 25mm to 70mm in diameter

AS05804PS-X-R Datasheet (PDF)

Go To PDF Page Descarga Datasheet
AS05804PS-X-R Datasheet PDF - PUI audio inc.

No. de pieza AS05804PS-X-R
Descarga  AS05804PS-X-R Click to download

Tamaño del archivo   375.71 Kbytes
Page   4 Pages
Fabricante Electrónico  PUIAUDIO [PUI audio inc.]
Página de inicio  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.
Descripción Electrónicos Enhances bass response in many speakers from 25mm to 70mm in diameter

AS05804PS-X-R Datasheet (HTML) - PUI audio inc.


AS05804PS-X-R Detalles de producto

Features:
•
Replaces a tuned port in vented enclosures, saving space
•
Enhances bass response in many speakers from 25mm to 70mm in diameter
•
Built with peel-and-stick 3M™ double-sided tape for quick, easy mounting
•
Stamped steel diaphragm

Description
Released from Engineering
Updated IP rating to IP67 starting at date code FH423




Número de pieza similar - AS05804PS-X-R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PUI audio inc.
AS05808PO-WP PUIAUDIO-AS05808PO-WP Datasheet
4Mb / 16P
SPEAKERS
JUNE 2024
More results


Descripción similar - AS05804PS-X-R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Axiomtek Co., Ltd.
MMT175 AXIOMTEK-MMT175 Datasheet
342Kb / 2P
Built-in internal microphone/2W stereo speakers
logo
MRV Communications, Inc...
EM316T3E3-XY MRV-EM316T3E3-XY Datasheet
1Mb / 4P
Many optional functions in one single module
logo
STMicroelectronics
AN1278 STMICROELECTRONICS-AN1278 Datasheet
303Kb / 44P
Many mechanical components in the automotive sector have been replaced
Apr-2002
logo
Axiomtek Co., Ltd.
MMT225 AXIOMTEK-MMT225_15 Datasheet
394Kb / 2P
Built-in internal microphone/2W stereo speakers
logo
Laird Tech Smart Techno...
CCM12 LSTD-CCM12 Datasheet
205Kb / 2P
Operates in many radio frequencies for worldwide deployment
logo
Taoglas antenna solutio...
ISA.06.A.301111 TAOGLAS-ISA.06.A.301111 Datasheet
725Kb / 10P
Wide-band response from 400Mhz to 470MHz
logo
WALSIN TECHNOLOGY CORPO...
AMBLN06052G5WM9T16 WALSIN-AMBLN06052G5WM9T16 Datasheet
638Kb / 6P
Low in-band amplitude and phase imbalance enhances system performance
RFBLN20121G8D0T WALSIN-RFBLN20121G8D0T Datasheet
449Kb / 2P
Low in-band amplitude and phase imbalance enhances system performance
RFBLN1005040A57N3T WALSIN-RFBLN1005040A57N3T Datasheet
335Kb / 2P
Low in-band amplitude and phase imbalance enhances system performance
RFBLN1005040C0T WALSIN-RFBLN1005040C0T Datasheet
188Kb / 2P
Low in-band amplitude and phase imbalance enhances system performance
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com