Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ADRV9040 Datasheet (PDF) - Analog Devices

ADRV9040 Datasheet PDF - Analog Devices
No. de pieza ADRV9040
Descarga  ADRV9040 Descarga
Tamaño del archivo   124.86 Kbytes
Page   3 Pages
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices
Descripción Electrónicos 8T8R SoC with DFE, 400 MHz iBW RF Transceiver

ADRV9040 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
ADRV9040 Datasheet PDF - Analog Devices

No. de pieza ADRV9040
Descarga  ADRV9040 Click to download

Tamaño del archivo   124.86 Kbytes
Page   3 Pages
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices
Descripción Electrónicos 8T8R SoC with DFE, 400 MHz iBW RF Transceiver

ADRV9040 Datasheet (HTML) - Analog Devices


ADRV9040 Detalles de producto

FEATURES
Eight differential transmitters (Tx)
Eight differential receivers (Rx)
Two observation receivers (ORx)
Single band and multiband (N x 2T2R/4T4R) capability
4 individual band profiles within tunable range1
Tunable range: 650 MHz to 6000 MHz
400 MHz iBW DPD support
GaN PA support via hardware accelerated, charge
trapping correction algorithm
Simplifying system thermal solution
13 W power consumption for all blocks enabled2
110°C maximum junction temperature, with operation up
to 125°C3
Fully integrated DFE (DPD, CDUC, CDDC, CFR) engine that
eliminates FPGAs and halves SERDES lane rate
DPD adaptation engine for power amplifier linearization
CDUC/CDDC—maximum 8 component carriers (CCs) per
each Tx/Rx channel
Multistage CFR engine
Supports JESD204B/JESD204C digital interface
Multichip phase synchronization for all LOs and baseband
clocks
Fully integrated fractional-NRF synthesizers
Fully integrated clock synthesizer

APPLICATIONS
3G/4G/5G TDD/FDD small cell, massive MIMO and macro
base stations

GENERAL DESCRIPTION
The ADRV9040 is a highly integrated, system on chip (SoC)
radio frequency (RF) agile transceiver with integrated digital
front end (DFE). The SoC contains eight transmitters, two
observation receivers for monitoring transmitter channels, eight
receivers, integrated LO and clock synthesizers, and digital signal
processing functions. The SoC meets the high radio
performance and low power consumption demanded by cellular
infrastructure applications including small cell basestation
radios, macro 3G/4G/5G systems, and massive MIMO base
stations.
The Rx and Tx signal paths use a zero-IF (ZIF) architecture
that provides wide bandwidth with dynamic range suitable
for contiguous and noncontiguous multicarrier base station
applications. The ZIF architecture has the benefits of low power
plus RF frequency and bandwidth agility. The lack of aliases and
out-of-band images eliminates anti-aliasing and image filters.
This reduces both system size and cost, also making band
independent solutions possible.
The device also includes two wide-bandwidth observation path
receiver sub-systems for monitoring transmitter outputs. This
SoC subsystem includes automatic and manual attenuation
control, dc offset correction, quadrature error correction (QEC),
and digital filtering. GPIOs that provide an array of digital
control options are also integrated.
Multi-band capability is enabled by dual LO functionality,
additional LO dividers and wideband operation. This allows
4 individual band profiles1 within the tuneable range, thereby
maximizing use case flexibility.
The SoC has fully integrated digital front end (DFE) functionality
which includes carrier digital up/down conversion (CDUC and
CDDC), crest factor reduction (CFR), digital pre-distortion
(DPD), closed loop gain control (CLGC) and voltage standing
wave ratio (VSWR) monitor.
The CDUC feature of the ADRV9040 filters and places individual
component carriers within the band of interest. The CDDC
feature, with its 8 parallel paths, processes each carrier
individually before sending over the serial data interface.
The CDUC and CDDC reduce SERDES interface data rates in
non-contiguous carrier configurations. This integration also
reduces power compared to an equivalent FPGA based
implementation.
The CFR engine of the ADRV9040 reduces the peak-to-average
ratio of the input signal, enabling higher efficiency transmit line
ups while reducing the processing load on baseband processors.
The SoC also contains a fully integrated DPD engine for use in
power amplifier (PA) linearization. DPD enables high efficiency
PAs, reducing the power consumption of base station radios
and the number of SERDES lanes interfacing with baseband
processors. The DPD engine incorporates a dedicated longterm DPD (LT-DPD) block which provides support for GaN
PAs. The ADRV9040 tackles the charge trapping property of
GaN PAs with its LT-DPD block; therefore, improving emissions
and EVM. The SoC includes an ARM Cortex-A55 quad core
processor to independently serve DPD, CLGC, and VSWR
monitor features. The dedicated processor, together with the
DPD engine, provides industry leading DPD performance.




Número de pieza similar - ADRV9040

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADRV9040 AD-ADRV9040 Datasheet
23Mb / 112P
8T8R SoC with DFE, 400 MHz iBW RF Transceiver
Rev. C
ADRV9040BBPZ-WB AD-ADRV9040BBPZ-WB Datasheet
23Mb / 112P
8T8R SoC with DFE, 400 MHz iBW RF Transceiver
Rev. C
ADRV9040BBPZ-WB-RL AD-ADRV9040BBPZ-WB-RL Datasheet
23Mb / 112P
8T8R SoC with DFE, 400 MHz iBW RF Transceiver
Rev. C
More results


Descripción similar - ADRV9040

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
RF Monolithics, Inc
TRC102 RFM-TRC102 Datasheet
441Kb / 40P
400-1000MHz RF Transceiver
logo
Texas Instruments
CC430F613X TI-CC430F613X Datasheet
1Mb / 118P
MSP430 SoC with RF Core
CC430F613 TI1-CC430F613 Datasheet
1Mb / 120P
MSP430 SoC with RF Core
CC430F613X TI-CC430F613X_12 Datasheet
1Mb / 121P
MSP430??SoC with RF Core
CC430F5123 TI1-CC430F5123 Datasheet
1Mb / 116P
MSP430 SoC With RF Core
FET430F6137RF900 TI-FET430F6137RF900 Datasheet
1Mb / 120P
MSP430??SoC with RF Core
CC430F5125 TI-CC430F5125 Datasheet
1Mb / 118P
MSP430 SoC With RF Core
CC430F5143 TI-CC430F5143_15 Datasheet
1Mb / 118P
MSP430 SoC With RF Core
AFE7903 TI-AFE7903 Datasheet
15Mb / 152P
AFE7903 2T2R 5-MHz to 7.4-GHz RF Sampling AFE with 12-GSPS DACs and 3-GSPS ADCs, 400-MHz IBW
MARCH 2022
AFE7903 TI-AFE7903_V01 Datasheet
15Mb / 154P
AFE7903 2T2R 5-MHz to 7.4-GHz RF Sampling AFE with 12-GSPS DACs and 3-GSPS ADCs, 400-MHz IBW
JULY 2022
More results




Sobre a Analog Devices


Analog Devices, Inc. (ADI) es una empresa que cotiza en bolsa que diseña, desarrolla y fabrica circuitos integrados (ICS) analógicos, de señal mixtos y digitales (DSP).
La compañía fue fundada en 1965 y tiene su sede en Norwood, Massachusetts.
ADI sirve una amplia gama de industrias, incluidas aeroespaciales y defensa, automotriz, comunicaciones, consumidores, industriales, médicos y pruebas y medidas.
La cartera de productos de la compañía incluye convertidores de datos, amplificadores y comparadores, ICS de administración de energía, microcontroladores, sensores y radiofrecuencia (RF) y componentes de microondas, entre otros.
ADI se dedica a la innovación y la satisfacción del cliente, y se compromete a proporcionar a sus clientes soluciones confiables y de alta calidad para satisfacer sus necesidades.
Con un enfoque en la eficiencia energética y la sostenibilidad, ADI es un líder en la industria de IC analógicas y de señal mixta, impulsando los avances tecnológicos y proporcionando soluciones innovadoras a los problemas más desafiantes del mundo.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com