Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FD6M043N08 Datasheet (PDF) - Fairchild Semiconductor

FD6M043N08 Datasheet PDF - Fairchild Semiconductor
No. de pieza FD6M043N08
Descarga  FD6M043N08 Descarga
Tamaño del archivo   649.72 Kbytes
Page   9 Pages
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Descripción Electrónicos 75V/65A Synchronous Rectifier Module

FD6M043N08 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
FD6M043N08 Datasheet PDF - Fairchild Semiconductor

No. de pieza FD6M043N08
Descarga  FD6M043N08 Click to download

Tamaño del archivo   649.72 Kbytes
Page   9 Pages
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Descripción Electrónicos 75V/65A Synchronous Rectifier Module

FD6M043N08 Datasheet (HTML) - Fairchild Semiconductor


FD6M043N08 Detalles de producto

General Description
The FD6M043N08 is one product in the Power-SPMTM family that Fairchild has newly developed and designed to be most suitable for more compact and more efficient synchronous rectification applications such as internet server power supplies and telecom system power supplies. For higher efficiency, it includes built-in very low RDS(ON) MOSFETs. This Power-SPM device can be used in the secondary side of the PWM transformer of forward/bridge converter to provide high current rectification at output voltages ranging from 12 Volts down to 5 Volts. With this product, it is possible to design the secondary side of power supply systems with reduced parasitic elements resulting in minimized voltage spike and EMI noise.

General Features
• Very High Rectification Efficiency at Output 12V
• Integrated Solution for Saving Board Space
• RoHS Compliant

MOSFET Features
• VDSS = 75V
• QG(TOTAL) = 99nC(Typ.), VGS = 10V
• RDS(ON) = 3.5mΩ(Typ.), VGS = 10V, ID = 40A
• Low Miller Charge
• Low Qrr Body Diode
• UIS Capability (Single Pulse and Repetitive Pulse)
• Fully Isolated Package

Applications
• High Current Isolated Converter
• Distributed Power Architectures
• Synchronous Rectification
• DC/DC Converter
• Battery Supplied Application
• ORing MOSFET




Número de pieza similar - FD6M043N08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FD6M045N06 FAIRCHILD-FD6M045N06 Datasheet
557Kb / 9P
60V/60A Synchronous Rectifier Module
More results


Descripción similar - FD6M043N08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
SRM4010 MICROSEMI-SRM4010 Datasheet
231Kb / 11P
40A Synchronous Rectifier Module
logo
Fairchild Semiconductor
FD6M016N03 FAIRCHILD-FD6M016N03 Datasheet
894Kb / 9P
30V/80A Synchronous Rectifier Module
FD6M033N06 FAIRCHILD-FD6M033N06 Datasheet
641Kb / 9P
60V/73A Synchronous Rectifier Module
FD6M045N06 FAIRCHILD-FD6M045N06 Datasheet
557Kb / 9P
60V/60A Synchronous Rectifier Module
FPP06R001 FAIRCHILD-FPP06R001 Datasheet
870Kb / 9P
75V/60A Synchronous Rectifier Module
logo
Maxwell Technologies
BMOD0094 MAXWELL-BMOD0094 Datasheet
925Kb / 5P
75V MODULE
logo
Digitron Semiconductors
MBR6535 DIGITRON-MBR6535 Datasheet
855Kb / 3P
65A SCHOTTKY RECTIFIER
logo
Monolithic Power System...
MP4569 MPS-MP4569 Datasheet
751Kb / 17P
75V, 0.3A Synchronous Step-Down Converter
MP2420 MPS-MP2420 Datasheet
728Kb / 22P
75V, 0.3A Synchronous Step-Down Converter with Watchdog
EV4569-Q-00A MPS-EV4569-Q-00A Datasheet
476Kb / 6P
75V, 0.3A Synchronous Step-Down Converter Evaluation Board
More results




Sobre a Fairchild Semiconductor


Fairchild Semiconductor fue una compañía pionera de semiconductores que se fundó a fines de la década de 1950.
La compañía era conocida por su innovación en el desarrollo del primer transistor comercial y por sus contribuciones al avance de la tecnología de circuito integrado.
Fairchild se convirtió en un proveedor líder de semiconductores de energía, circuitos integrados analógicos y de señal mixta y otros productos de semiconductores.
La compañía fue adquirida por Semiconductor en 2016 y sus productos y tecnologías continúan desarrollándose y vendiendo bajo la marca On Semiconductor.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com