Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ATSAM3N4BA-MU Datasheet (PDF) - ATMEL Corporation

ATSAM3N4BA-MU Datasheet PDF - ATMEL Corporation
No. de pieza ATSAM3N4BA-MU
Descarga  ATSAM3N4BA-MU Descarga
Tamaño del archivo   254.16 Kbytes
Page   2 Pages
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Descripción Electrónicos Cortex M3 Flash Microcontroller Converges Performance and Simplicity

ATSAM3N4BA-MU Datasheet (PDF)

Go To PDF Page Descarga Datasheet
ATSAM3N4BA-MU Datasheet PDF - ATMEL Corporation

No. de pieza ATSAM3N4BA-MU
Descarga  ATSAM3N4BA-MU Click to download

Tamaño del archivo   254.16 Kbytes
Page   2 Pages
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Descripción Electrónicos Cortex M3 Flash Microcontroller Converges Performance and Simplicity

ATSAM3N4BA-MU Datasheet (HTML) - ATMEL Corporation


ATSAM3N4BA-MU Detalles de producto

SAM3N Description
Atmels SAM3N series is a member of a family of Flash microcontrollers based on the high performance 32-bit ARM Cortex-M3 RISC processor. It operates at a maximum speed of 48 MHz and features up to 256 Kbytes of Flash and up to 24 Kbytes of SRAM. The peripheral set includes 2x USARTs, 2x UARTs, 2x TWIs, 3x SPI, as well as 1 PWM timer, 6x general purpose 16-bit timers, an RTC, a 10-bit ADC and a 10-bit DAC.

Features
• Core
    – ARM® Cortex®-M3 revision 2.0 running at up to 48 MHz
    – Thumb®-2 instruction
    – 24-bit SysTick Counter
    – Nested Vector Interrupt Controller
• Pin-to-pin compatible with SAM7S legacy products (48- and 64-pin versions) and SAM3S (48-, 64- and 100-pin versions)
• Memories
    – From 16 to 256 Kbytes embedded Flash, 128-bit wide access, memory accelerator, single plane
    – From 4 to 24 Kbytes embedded SRAM
    – 16 Kbytes ROM with embedded bootloader routines (UART) and IAP routines
• System
    – Embedded voltage regulator for single supply operation
    – Power-on-Reset (POR), Brown-out Detector (BOD) and Watchdog for safe operation
    – Quartz or ceramic resonator oscillators: 3 to 20 MHz main power with Failure Detection and optional low power 32.768 kHz for RTC or device clock
    – High precision 8/12 MHz factory trimmed internal RC oscillator with 4 MHz default frequency for device startup. In-application trimming access for frequency adjustment
    – Slow Clock Internal RC oscillator as permanent low-power mode device clock
    – One PLL up to 130 MHz for device clock
    – Up to 10 peripheral DMA (PDC) channels
• Low Power Modes
    – Sleep and Backup modes, down to 3 µA in Backup mode
    – Ultra low power RTC
• Peripherals
    – Up to 2 USARTs with RS-485 and SPI mode support. One USART (USART0) has ISO7816, IrDA® and PDC support in addition
    – Two 2-wire UARTs
    – 2 Two Wire Interface (I2C compatible), 1 SPI
    – Up to 6 Three-Channel 16-bit Timer/Counter with capture, waveform, compare and PWM mode. Quadrature Decoder Logic and 2-bit Gray Up/Down Counter for Stepper Motor
    – 4-channel 16-bit PWM
    – 32-bit Real-time Timer and RTC with calendar and alarm features
    – Up to 16 channels, 384 KSPS 10-bit ADC
    – One 500 KSPS 10-bit DAC
• I/O
    – Up to 79 I/O lines with external interrupt capability (edge or level sensitivity), debouncing, glitch filtering and on-die Series Resistor Termination
    – Three 32-bit Parallel Input/Output Controllers
• Packages
    – 100-lead LQFP, 14 x 14 mm, pitch 0.5 mm/100-ball TFBGA, 9 x 9 mm, pitch 0.8 mm
    – 64-lead LQFP, 10 x 10 mm, pitch 0.5 mm/64-pad QFN 9x9 mm, pitch 0.5 mm
    – 48-lead LQFP, 7 x 7 mm, pitch 0.5 mm/48-pad QFN 7x7 mm, pitch 0.5 mm




Número de pieza similar - ATSAM3N4BA-MU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
ATSAM3N4BA-MU ATMEL-ATSAM3N4BA-MU Datasheet
1Mb / 60P
ARM-based Flash MCU
More results


Descripción similar - ATSAM3N4BA-MU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
LPC1766 ETC2-LPC1766 Datasheet
1Mb / 70P
32-bit ARM Cortex-M3 microcontroller;
logo
NXP Semiconductors
LPC178X NXP-LPC178X Datasheet
1Mb / 117P
32-bit ARM Cortex-M3 microcontroller
Rev. 2-27 May 2011
UM10430 PHILIPS-UM10430 Datasheet
7Mb / 1164P
LPC18xx ARM Cortex-M3 microcontroller
Rev. 00.13-20 July 2011
LPC178X-7X NXP-LPC178X-7X Datasheet
1Mb / 120P
32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash
Rev. 4-1 May 2012
logo
Holtek Semiconductor In...
HT32F12345 HOLTEK-HT32F12345 Datasheet
1Mb / 51P
32-Bit Arm Cortex -M3 Microcontroller, up to 64 KB Flash and 16 KB SRAM
November 07, 2017
HT32F12365 HOLTEK-HT32F12365 Datasheet
1Mb / 56P
32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
November 07, 2017
logo
Maxim Integrated Produc...
MAX32550 MAXIM-MAX32550 Datasheet
1Mb / 2P
DeepCover Secure Cortex-M3 Flash Microcontroller
Rev 7; 12/17
MAX32552 MAXIM-MAX32552 Datasheet
326Kb / 3P
DeepCover Secure Arm Cortex-M3 Flash Microcontroller
Rev 4; 6/19
MAX32560 MAXIM-MAX32560 Datasheet
348Kb / 2P
DeepCover Secure Arm Cortex-M3 Flash Microcontroller
Rev 4; 6/19
MAX32561 MAXIM-MAX32561 Datasheet
320Kb / 2P
DeepCover Secure Arm Cortex-M3 Flash Microcontroller
Rev 1; 10/19
More results




Sobre a ATMEL Corporation


Atmel Corporation era una compañía de semiconductores estadounidenses que fue fundada en 1984.
La compañía fue un proveedor líder de microcontroladores, soluciones táctiles y otros productos de semiconductores para diversas aplicaciones en los mercados de consumidores, industriales y automotrices.
Los productos de Atmel eran conocidos por su pequeño factor de forma, bajo consumo de energía y alto rendimiento.
En 2016, Atmel fue adquirido por Microchip Technology Inc., un proveedor líder de microcontroladores y semiconductores analógicos.
La marca y la tecnología Atmel continúan desarrollándose y vendiendo como parte de la cartera de productos de Microchip.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com