Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HMC-SDD112 Datasheet (PDF) - Hittite Microwave Corporation

HMC-SDD112 Datasheet PDF - Hittite Microwave Corporation
No. de pieza HMC-SDD112_09
Descarga  HMC-SDD112 Descarga
Tamaño del archivo   186.95 Kbytes
Page   6 Pages
Fabricante Electrónico  HITTITE [Hittite Microwave Corporation]
Página de inicio  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Descripción Electrónicos GaAs PIN MMIC SPDT SWITCH 55 - 86 GHz

HMC-SDD112 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
HMC-SDD112 Datasheet PDF - Hittite Microwave Corporation

No. de pieza HMC-SDD112_09
Descarga  HMC-SDD112 Click to download

Tamaño del archivo   186.95 Kbytes
Page   6 Pages
Fabricante Electrónico  HITTITE [Hittite Microwave Corporation]
Página de inicio  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Descripción Electrónicos GaAs PIN MMIC SPDT SWITCH 55 - 86 GHz

HMC-SDD112 Datasheet (HTML) - Hittite Microwave Corporation




Número de pieza similar - HMC-SDD112_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hittite Microwave Corpo...
HMC-SDD112 HITTITE-HMC-SDD112 Datasheet
91Kb / 3P
GaAs PIN MMIC SPDT SWITCH 55 - 86 GHz
More results


Descripción similar - HMC-SDD112_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Alpha Industries
AP640R5-00 ALPHA-AP640R5-00 Datasheet
66Kb / 2P
24-40 GHz GaAs MMIC SPDT Reflective PIN Switch
logo
Hittite Microwave Corpo...
HMC-SDD112 HITTITE-HMC-SDD112 Datasheet
91Kb / 3P
GaAs PIN MMIC SPDT SWITCH 55 - 86 GHz
HMC-VVD104 HITTITE-HMC-VVD104 Datasheet
91Kb / 3P
GaAs PIN MMIC VOLTAGE-VARIABLE ATTENUATOR, 70 - 86 GHz
HMC190MS8 HITTITE-HMC190MS8_06 Datasheet
232Kb / 6P
GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC194MS8 HITTITE-HMC194MS8_06 Datasheet
234Kb / 6P
GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC190MS8 HITTITE-HMC190MS8_05 Datasheet
195Kb / 6P
GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC240A HITTITE-HMC240A Datasheet
259Kb / 6P
GaAs MMIC SPDT SWITCH DC - 4 GHz
HMC545 HITTITE-HMC545_08 Datasheet
199Kb / 6P
GaAs MMIC SPDT SWITCH, DC - 3 GHz
HMC-VVD104 HITTITE-HMC-VVD104_09 Datasheet
192Kb / 6P
GaAs PIN MMIC VOLTAGE-VARIABLE ATTENUATOR, 70 - 86 GHz
HMC240 HITTITE-HMC240_10 Datasheet
152Kb / 6P
GaAs MMIC SPDT SWITCH DC - 4 GHz
More results




Sobre a Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com