Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H11L3 Datasheet (PDF) - Everlight Electronics Co., Ltd

H11L3 Datasheet PDF - Everlight Electronics Co., Ltd
No. de pieza H11L3
Descarga  H11L3 Descarga
Tamaño del archivo   297.98 Kbytes
Page   11 Pages
Fabricante Electrónico  EVERLIGHT [Everlight Electronics Co., Ltd]
Página de inicio  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd
Descripción Electrónicos 6 PIN DIP PHOTO COUPLER

H11L3 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
H11L3 Datasheet PDF - Everlight Electronics Co., Ltd

No. de pieza H11L3
Descarga  H11L3 Click to download

Tamaño del archivo   297.98 Kbytes
Page   11 Pages
Fabricante Electrónico  EVERLIGHT [Everlight Electronics Co., Ltd]
Página de inicio  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd
Descripción Electrónicos 6 PIN DIP PHOTO COUPLER

H11L3 Datasheet (HTML) - Everlight Electronics Co., Ltd


H11L3 Detalles de producto

Description
The H11LX series of devices each consist of a GaAs infrared emitting diode optically coupled a high speed integrated circuit detector. The output detector incorporates a Schmitt trigger, which provides hysteresis for noise immunity and pulse shaping.
The devices are in a 6-pin DIP package and available in wide-lead spacing and SMD option.

Features:
• High data rate, 1MHz typical (NRZ)
• Free from latch up and oscilliation throughout voltage and
   temperature ranges.
• Microprocessor compatible drive
• Logic compatible output sinks 16mA at 0.4V maximum
• Guaranteed on/off threshold hysteresis
• Wide supply voltage capability, compatible with all popular logic
   systems
• High isolation voltage between input and output (Viso=5000 V rms )
• Compact dual-in-line package
• Pb free and RoHS compliant.
• UL approved (No. E214129)
• VDE approval (No.132249 )
• SEMKO approved
• NEMKO approved
• DEMKO approved
• FIMKO approved
• CSA approved (No. 2007798)

Applications
● Logic to logic isolator
● Programmable current level sensor
● Line receiver - eliminate noise and transient problems
● AC to TTL conversion - square wave shaping
● Digital programming of power supplies
● Interfaces computers with peripherals




Número de pieza similar - H11L3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
QT Optoelectronics
H11L3 QT-H11L3 Datasheet
434Kb / 6P
MICROPROCESSOR COMPLATIBLE CAAS SCHMITT TRIGGER OPTOCOUPLERS
logo
List of Unclassifed Man...
H11L3 ETC1-H11L3 Datasheet
62Kb / 3P
MICROPROCESSOR COMPATIBLE SCHMITT TRIGGER OPTICALLY COUPLED ISOLATOR
logo
ISOCOM COMPONENTS
H11L3 ISOCOM-H11L3 Datasheet
131Kb / 3P
MICROPROCESSOR COMPATIBLE SCHMITT TRIGGER OPTICALLY COUPLED ISOLATOR
logo
List of Unclassifed Man...
H11L3 ETC1-H11L3 Datasheet
584Kb / 12P
6-PIN DIP PHOTOCOUPLER SCHMITT TRIGGER
logo
CT Micro International ...
H11L3 CTMICRO-H11L3 Datasheet
685Kb / 11P
Schmitt Trigger Output 6-Pin Optocoupler
More results


Descripción similar - H11L3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AUK corp
SPC714 AUK-SPC714 Datasheet
64Kb / 3P
DIP Photo Coupler
SPC715 AUK-SPC715 Datasheet
66Kb / 3P
DIP Photo Coupler
SPC717 AUK-SPC717 Datasheet
65Kb / 3P
DIP Photo Coupler
SPC814 AUK-SPC814 Datasheet
64Kb / 3P
DIP Photo Coupler
SPC815 AUK-SPC815 Datasheet
67Kb / 3P
DIP Photo Coupler
SPC817 AUK-SPC817 Datasheet
65Kb / 3P
DIP Photo Coupler
logo
NEC
PS2041 NEC-PS2041 Datasheet
107Kb / 4P
HIGH SPEED 6 PIN PHOTO COUPLER
logo
Fairchild Semiconductor
H11L1M FAIRCHILD-H11L1M_06 Datasheet
669Kb / 9P
6-Pin DIP Optocoupler
logo
Everlight Electronics C...
TIL11X EVERLIGHT-TIL11X_10 Datasheet
901Kb / 13P
6 PIN DIP PHOTOTRANSISTOR
logo
Toshiba Semiconductor
TLP797GA TOSHIBA-TLP797GA Datasheet
66Kb / 4P
6 pin DIP (DIP6)
13-Jun-2001
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com