Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

U1560A Datasheet (PDF) - Agilent(Hewlett-Packard)

U1560A Datasheet PDF - Agilent(Hewlett-Packard)
No. de pieza U1560A
Descarga  U1560A Descarga
Tamaño del archivo   1974.75 Kbytes
Page   11 Pages
Fabricante Electrónico  HP [Agilent(Hewlett-Packard)]
Página de inicio  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Descripción Electrónicos U1600 Series Handheld Digital Oscilloscopes

U1560A Datasheet (PDF)

Go To PDF Page Descarga Datasheet
U1560A Datasheet PDF - Agilent(Hewlett-Packard)

No. de pieza U1560A
Descarga  U1560A Click to download

Tamaño del archivo   1974.75 Kbytes
Page   11 Pages
Fabricante Electrónico  HP [Agilent(Hewlett-Packard)]
Página de inicio  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Descripción Electrónicos U1600 Series Handheld Digital Oscilloscopes

U1560A Datasheet (HTML) - Agilent(Hewlett-Packard)


U1560A Detalles de producto

Delivering more functionality and performance with a handheld digital oscilloscope



Introduction

The U1600 Series handheld digital

oscilloscope has a 4.5-inch LCD color display, which helps to clearly distinguish waveforms between two channels. This U1600 Series provides a high performance troubleshooting and quality assurance tool for technical professionals in the installation, maintenance, service, and automotive industries.



Features

• Three-in-one solution: Dual channel oscilloscope, True RMS DMM, and Real-Time Data Logger

• Large 4.5” color LCD display

• Up to 40 MHz bandwidth with advanced triggering

• Up to 200 MSa/s sampling rate

• Up to 125 000 points recording length

• 22 automatic scope measurement functions available

• 6,000-count DMM resolution with built-in measurement functions including voltmeter, ohmmeter, and auxiliary meter

• Zoom and Dual Waveform Math functions (additional FFT function with four windowing techniques available in U1604A/U1604B)

• Full remote control and data transfer via PC Link application software

• USB 2.0 full-speed interface connectivity

• Multi-language Quick Help support



 




Número de pieza similar - U1560A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Thinki Semiconductor Co...
U1560 THINKISEMI-U1560 Datasheet
717Kb / 2P
15.0 Ampere Heatsink Single Ultra Fast Recovery Rectifier Diodes
More results


Descripción similar - U1560A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
TDS7000B ETC-TDS7000B Datasheet
191Kb / 12P
Digital Phosphor Oscilloscopes
2550SERIES ETC2-2550SERIES Datasheet
379Kb / 6P
Digital Storage Oscilloscopes
TBS1000 ETC2-TBS1000 Datasheet
1Mb / 12P
Digital Storage Oscilloscopes
THS3000 ETC2-THS3000 Datasheet
743Kb / 12P
Handheld Oscilloscopes
logo
Keysight Technologies
U1602B KEYSIGHT-U1602B Datasheet
498Kb / 12P
Handheld Digital Oscilloscopes
U1604B KEYSIGHT-U1604B Datasheet
498Kb / 12P
Handheld Digital Oscilloscopes
U1610A KEYSIGHT-U1610A Datasheet
1Mb / 13P
Handheld Digital Oscilloscopes
U1620A KEYSIGHT-U1620A Datasheet
1Mb / 13P
Handheld Digital Oscilloscopes
logo
TEKTRONIX, INC.
DPO7000C TEKTRONIX-DPO7000C Datasheet
3Mb / 28P
Digital Phosphor Oscilloscopes
TDS2000C TEKTRONIX-TDS2000C Datasheet
930Kb / 10P
Digital Storage Oscilloscopes
More results




Sobre a Agilent(Hewlett-Packard)


Agilent Technologies es una compañía spin-off de Hewlett-Packard (HP) que se estableció en 1999.
Agilent es una compañía de tecnología que proporciona una amplia gama de productos, software y servicios a clientes en diversas industrias, como ciencias de la vida, diagnósticos y análisis químicos.
La cartera de productos de la compañía incluye instrumentos científicos, equipos de prueba y medición, y equipos de prueba electrónico.
Agilent tiene una fuerte presencia en el mercado global, con operaciones e instalaciones en varios países de todo el mundo.
La compañía es conocida por su tecnología innovadora, productos de alta calidad y su excelente atención al cliente.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com