| Fabricante Electrónico | No. de pieza | Datasheet | Descripción Electrónicos |
 Integrated Device Techn... |
IDTQS34XVH245
|
77Kb / 8P |
QUICKSWITCH PRODUCTS 2.5V / 3.3V 32-BIT HIGH BANDWIDTH BUS SWITCH
|
|
IDTQS3VH16233
|
85Kb / 8P |
2.5V / 3.3V 32:16 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
|
|
IDTQS3VH16244
|
82Kb / 8P |
QUICKSWITCH PRODUCTS 2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
|
|
IDTQS3VH16245
|
71Kb / 8P |
QUICKSWITCH PRODUCTS 2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
|
|
IDTQS3VH251
|
73Kb / 8P |
QUICKSWITCH PRODUCTS 2.5V / 3.3V 8:1 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
|
 Renesas Technology Corp |
IDTQS34XVH2245
|
437Kb / 9P |
QUICKSWITCH® PRODUCTS 2.5V / 3.3V 32-BIT HIGH BANDWIDTH BUS SWITCH
JANUARY 2013 |
|
IDTQS3VH16233
|
433Kb / 9P |
QUICKSWITCH® PRODUCTS 2.5V / 3.3V 32:16 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
FEBRUARY 2013 |
|
IDTQS3VH251
|
449Kb / 9P |
QUICKSWITCH PRODUCTS 2.5V / 3.3V 8:1 MUX / DEMUX HIGH BANDWIDTH BUS SWITCH
FEBRUARY 2014 |
|
IDTQS3VH253
|
447Kb / 9P |
QUICKSWITCH® PRODUCTS 2.5V / 3.3V DUAL 4:1 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
FEBRUARY 2014 |
|
IDTQS3VH257
|
445Kb / 9P |
QUICKSWITCH® PRODUCTS 2.5V/3.3V QUAD 2:1 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
FEBRUARY 2014 |