Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MB54609 Datasheet (PDF) - fujitsu semiconductor

MB54609 Datasheet PDF - fujitsu semiconductor
No. de pieza MB54609
Descarga  MB54609 Descarga
Tamaño del archivo   185.32 Kbytes
Page   23 Pages
Fabricante Electrónico  FUJITSU [fujitsu semiconductor]
Página de inicio  
Logo FUJITSU - fujitsu semiconductor
Descripción Electrónicos Quadrature Modulator IC (With 1.0 GHz Up-converter)

MB54609 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
MB54609 Datasheet PDF - fujitsu semiconductor

No. de pieza MB54609
Descarga  MB54609 Click to download

Tamaño del archivo   185.32 Kbytes
Page   23 Pages
Fabricante Electrónico  FUJITSU [fujitsu semiconductor]
Página de inicio  
Logo FUJITSU - fujitsu semiconductor
Descripción Electrónicos Quadrature Modulator IC (With 1.0 GHz Up-converter)

MB54609 Datasheet (HTML) - fujitsu semiconductor


MB54609 Detalles de producto

■ DESCRIPTION
The MB54609 is an intermediate-frequency (IF) quadrature modulator IC incorporating a 1.0-GHz up-converter optimized for use in digital mobile telecommunication systems such as GSM and PDC (Personal Digital Cellular).
The MB54609 incorporates a quadrature modulator for IF modulation, a transmission up-convert mixer, and a F/F type phase shifter as well, capable of handing IFs in a broad band.
In addition, the MB54609 operates at a low power supply voltage of 3.0 V and a low power supply current of 18 mA (both as typical values), contributing to saving the power consumption of the device.

■ FEATURES
• Incorporating a high-performance transmission mixer covering the entire frequency band of up to 800 MHz used for PDC services (Maximum output frequency of 1.1 GHz)
    Maximum output frequency: 1.1 GHz, Output level: –9 dBm (typical)
• Externally connecting the quadrature modulator with the transmission mixer, allowing a bandpass filter (BPF) to be inserted in between
    The quadrature modulator output can drive a 50 Ω load.
• Flip-flop phase shifter capable of handling intermediate frequencies in the broad band (100 to 800 MHz)
• Operation at low voltage: 2.7 to 3.0 to 3.3 V
• Low current consumption
    During operating: 18.0 mA (typical)
    In power save mode: 0.6 mA (typical)
• Operating temperature range: Ta = –20 to +85°C




Número de pieza similar - MB54609

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
fujitsu semiconductor
MB54608B FUJITSU-MB54608B Datasheet
160Kb / 15P
1.0 GHz band Low Power I/Q Modulator For Direct Conversion
MB54608L FUJITSU-MB54608L Datasheet
160Kb / 15P
1.0 GHz band Low Power I/Q Modulator For Direct Conversion
MB54608LPFV FUJITSU-MB54608LPFV Datasheet
160Kb / 15P
1.0 GHz band Low Power I/Q Modulator For Direct Conversion
MB54608LPV1 FUJITSU-MB54608LPV1 Datasheet
160Kb / 15P
1.0 GHz band Low Power I/Q Modulator For Direct Conversion
More results


Descripción similar - MB54609

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
UPC8104GR NEC-UPC8104GR Datasheet
156Kb / 20P
UP CONVERTER QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8125GR NEC-UPC8125GR Datasheet
214Kb / 5P
UP-CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8129GR NEC-UPC8129GR Datasheet
587Kb / 3P
UP CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8158K NEC-UPC8158K Datasheet
126Kb / 12P
RF UP-CONVERTER WITH AGC FUNCTION IF QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
logo
Analog Devices
AD8346 AD-AD8346 Datasheet
190Kb / 12P
0.8 GHz-2.5 GHz Quadrature Modulator
REV.0
logo
Agere Systems
W3011 AGERE-W3011 Datasheet
199Kb / 12P
1 GHz Quadrature Modulator
logo
Texas Instruments
TRF3701 TI-TRF3701 Datasheet
79Kb / 5P
0.6 GHz to 1.0 GHz QUADRATURE MODULATOR
logo
NEC
UPC8110GR-E1 NEC-UPC8110GR-E1 Datasheet
42Kb / 4P
1 GHz QUADRATURE MODULATOR
logo
TEMIC Semiconductors
U2891B TEMIC-U2891B Datasheet
64Kb / 6P
2.5 GHz Quadrature Up-Converter
logo
NEC
UPC8110GR NEC-UPC8110GR_00 Datasheet
75Kb / 6P
1 GHz QUADRATURE MODULATOR
More results




Sobre a fujitsu semiconductor


Fujitsu Components Limited es una subsidiaria de Fujitsu Limited, una compañía japonesa de tecnología de la información multinacional.
Fujitsu Components Limited se centra en el diseño, el desarrollo y la fabricación de componentes y dispositivos electrónicos.
La compañía ofrece una amplia gama de productos que incluyen dispositivos de almacenamiento de datos, módulos de comunicación inalámbrica y otros componentes electrónicos.
Fujitsu Components Limited tiene operaciones e instalaciones en varios países de Asia, Europa y América.
La compañía es conocida por su tecnología avanzada, productos de alta calidad y soluciones innovadoras en la industria electrónica.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com