Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

1N4933 Datasheet (PDF) - Yea Shin Technology Co., Ltd

1N4933 Datasheet PDF - Yea Shin Technology Co., Ltd
No. de pieza 1N4933
Descarga  1N4933 Descarga
Tamaño del archivo   102.39 Kbytes
Page   2 Pages
Fabricante Electrónico  YEASHIN [Yea Shin Technology Co., Ltd]
Página de inicio  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
Descripción Electrónicos FAST SWITCHING PLASTIC RECTIFIER

1N4933 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
1N4933 Datasheet PDF - Yea Shin Technology Co., Ltd

No. de pieza 1N4933
Descarga  1N4933 Click to download

Tamaño del archivo   102.39 Kbytes
Page   2 Pages
Fabricante Electrónico  YEASHIN [Yea Shin Technology Co., Ltd]
Página de inicio  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
Descripción Electrónicos FAST SWITCHING PLASTIC RECTIFIER

1N4933 Datasheet (HTML) - Yea Shin Technology Co., Ltd


1N4933 Detalles de producto

VOLTAGE- 50 to 600 Volts CURRENT - 1.0 Amperes



FE ATURES

• High current capability.

• Plastic package has Underwriters Laboratory

   Flammability Classification 94V-O utilizing

   Flame Retardant Epoxy Molding Compound.

• Void-free Plastic in a DO-41 package.

• Exceeds environmental standards of MIL-S-19500/228

• 1 ampere operation at TA=55°C with no thermal runaway.

• Fast switching for high efficiency.

• High temperature soldering : 260°C / 10 seconds at terminals

• Pb free product at available : 99% Sn above meet RoHS environment substance directive request.



 




Número de pieza similar - 1N4933

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
1N4933 MOTOROLA-1N4933 Datasheet
44Kb / 2P
FAST RECOVERY RECTIFIERS 50-600 VOLTS 1.0 AMPERE
logo
Pan Jit International I...
1N4933 PANJIT-1N4933 Datasheet
57Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)
logo
Surge Components
1N4933 SURGE-1N4933 Datasheet
150Kb / 4P
FAST SWITCHING PLASTIC RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere
logo
Transys Electronics
1N4933 TRSYS-1N4933 Datasheet
134Kb / 3P
FAST SWITCHING PLASTIC RECTIFIER
logo
Won-Top Electronics
1N4933 WTE-1N4933 Datasheet
47Kb / 3P
1.0A FAST RECOVERY RECTIFIER
More results


Descripción similar - 1N4933

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
General Semiconductor
SRP100A GE-SRP100A Datasheet
44Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
logo
Pan Jit International I...
PS200R PANJIT-PS200R_04 Datasheet
44Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
PS300R PANJIT-PS300R_04 Datasheet
36Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
FR151 CHENG-YI-FR151 Datasheet
104Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
logo
Pan Jit International I...
PS150R PANJIT-PS150R_09 Datasheet
49Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
BA157 VISHAY-BA157_09 Datasheet
67Kb / 4P
Fast Switching Plastic Rectifier
26-Oct-09
logo
Shenzhen Taychipst Elec...
SRP100A TAYCHIPST-SRP100A Datasheet
9Mb / 2P
FAST SWITCHING PLASTIC RECTIFIER
SRP600A TAYCHIPST-SRP600A Datasheet
9Mb / 2P
FAST SWITCHING PLASTIC RECTIFIER
logo
Yea Shin Technology Co....
FR151 YEASHIN-FR151 Datasheet
73Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
1N4933 VISHAY-1N4933_V01 Datasheet
790Kb / 4P
Fast Switching Plastic Rectifier
01-Jul-2020
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com