Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

3.0SMCJ5.0_220A Datasheet (PDF) - Bruckewell Technology LTD

3.0SMCJ5.0_220A Datasheet PDF - Bruckewell Technology LTD
No. de pieza 3.0SMCJ5.0_220A
Descarga  3.0SMCJ5.0_220A Descarga
Tamaño del archivo   595.92 Kbytes
Page   7 Pages
Fabricante Electrónico  BWTECH [Bruckewell Technology LTD]
Página de inicio  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD
Descripción Electrónicos Stand-off Voltage : 5.0 to 220V

3.0SMCJ5.0_220A Datasheet (PDF)

Go To PDF Page Descarga Datasheet
3.0SMCJ5.0_220A Datasheet PDF - Bruckewell Technology LTD

No. de pieza 3.0SMCJ5.0_220A
Descarga  3.0SMCJ5.0_220A Click to download

Tamaño del archivo   595.92 Kbytes
Page   7 Pages
Fabricante Electrónico  BWTECH [Bruckewell Technology LTD]
Página de inicio  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD
Descripción Electrónicos Stand-off Voltage : 5.0 to 220V

3.0SMCJ5.0_220A Datasheet (HTML) - Bruckewell Technology LTD




Número de pieza similar - 3.0SMCJ5.0_220A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
3.0SMCJ5.0-C-AQ DIODES-3.0SMCJ5.0-C-AQ Datasheet
368Kb / 5P
3000W SURFACE-MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
May 2024 Rev. 10 - 2
3.0SMCJ5.0-C-AQ DIODES-3.0SMCJ5.0-C-AQ Datasheet
368Kb / 5P
3000W SURFACE-MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
May 2024 Rev. 10 - 2
3.0SMCJ5.0-C-AQ DIODES-3.0SMCJ5.0-C-AQ Datasheet
368Kb / 5P
3000W SURFACE-MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
May 2024 Rev. 10 - 2
3.0SMCJ5.0-C-AQ DIODES-3.0SMCJ5.0-C-AQ Datasheet
368Kb / 5P
3000W SURFACE-MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
May 2024 Rev. 10 - 2
3.0SMCJ5.0-C-AQ DIODES-3.0SMCJ5.0-C-AQ Datasheet
368Kb / 5P
3000W SURFACE-MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
May 2024 Rev. 10 - 2
More results


Descripción similar - 3.0SMCJ5.0_220A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GOOD-ARK Electronics
3KP5.0 GOOD-ARK-3KP5.0 Datasheet
161Kb / 4P
Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
logo
StarHope
SMDJ SPSEMI-SMDJ Datasheet
404Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 170 Volts
SMBJ SPSEMI-SMBJ Datasheet
447Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
SMAJ SPSEMI-SMAJ Datasheet
458Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
SAC SPSEMI-SAC Datasheet
284Kb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE-5.0 TO 50 Volts
logo
Bruckewell Technology L...
SMBJ5.0-188A BWTECH-SMBJ5.0-188A Datasheet
579Kb / 7P
Stand-off Voltage 5.0 to 188V
SMCJ_5.0_188CA BWTECH-SMCJ_5.0_188CA Datasheet
593Kb / 7P
Stand-off Voltage 5.0 to 188V
logo
GOOD-ARK Electronics
3KP220CA GOOD-ARK-3KP220CA Datasheet
161Kb / 4P
Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
3KP5.0 GOOD-ARK-3KP5.0_15 Datasheet
161Kb / 4P
Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
logo
List of Unclassifed Man...
L13ESD5V0CE2 ETC2-L13ESD5V0CE2 Datasheet
138Kb / 5P
STAND-OFF VOLTAGE - 5.0 Volts
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com