| Fabricante Electrónico | No. de pieza | Datasheet | Descripción Electrónicos |
 Molex Electronics Ltd. |
1301110027
|
51Kb / 1P |
Safety Yellow Molded Stringlight, 200W, 14/2 SJTW with 2.43m Lead 10 Sockets Guards Lamp-it-in-the-Box
|
|
1301110031
|
34Kb / 1P |
Safety Yellow Molded Stringlight, 200W, 12/3 SJTW with 2.43m Lead 5 Sockets Full Ground Ring,
|
|
1301110044
|
51Kb / 1P |
Pro Yellow Molded Stringlight, 150W, 14/2 SJTW with 2.43m
|
|
130111-0023
|
56Kb / 1P |
Pro-Yellow Stringlight, 150W, 14/2 AWM with 2.43m Lead 10 Sockets with Guards
|
|
130111-0026
|
56Kb / 1P |
Pro-Yellow Stringlight, 150W, 12/2 TC2 with 2.43m Lead 10 Sockets Guards Lamp
|
|
1301110024
|
49Kb / 1P |
Pro-Yellow Stringlight, 150W, 12/2 TC2 with 2.43m Lead 10 Sockets Guards
|
|
1301110047
|
48Kb / 1P |
Pro-Yellow Stringlight, 150W, 12/2 TC2 with 2.43m Lead 10 Sockets Guards
|
|
1301060106
|
45Kb / 1P |
Super-Safeway Molded Rubber Stringlight 200W 12/3 SOOW 1.52m
|
|
1301060107
|
45Kb / 1P |
Super-Safeway Molded Rubber Stringlight 200W 12/3 SOOW 1.52m
|
|
1301060118
|
45Kb / 1P |
Super-Safeway Molded Rubber Stringlight 200W 12/3 SOOW 1.52m
|