Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

JANS1N4967CUS Datasheet (PDF) - Microsemi Corporation

JANS1N4967CUS Datasheet PDF - Microsemi Corporation
No. de pieza JANS1N4967CUS
Descarga  JANS1N4967CUS Descarga
Tamaño del archivo   83.54 Kbytes
Page   4 Pages
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Descripción Electrónicos 5 WATT GLASS ZENER DIODES

JANS1N4967CUS Datasheet (PDF)

Go To PDF Page Descarga Datasheet
JANS1N4967CUS Datasheet PDF - Microsemi Corporation

No. de pieza JANS1N4967CUS
Descarga  JANS1N4967CUS Click to download

Tamaño del archivo   83.54 Kbytes
Page   4 Pages
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Descripción Electrónicos 5 WATT GLASS ZENER DIODES

JANS1N4967CUS Datasheet (HTML) - Microsemi Corporation


JANS1N4967CUS Detalles de producto

DESCRIPTION

This Zener Voltage Regulator series is military qualified to MIL-PRF-19500/356 and is ideal for high-reliability applications where a failure cannot be tolerated. These industry-recognized 5 Watt Zener Voltage Regulators are hermetically sealed with voidless-glass construction using an internal metallurgical bond. It includes Zener selections from 3.3 to 390 volts in standard 5% tolerances as well as tighter tolerances identified by different suffix letters on the part number. They are also available in surface-mount packages (see separate data sheet for 1N4954US thru 1N4996US, 1N5968US thru 1N5969US, and 1N6632US thru 1N6637US). Microsemi also offers numerous other Zener products to meet higher and lower power ratings in both thru-hole and surface mount packages.



FEATURES

• Popular JEDEC registered series

• Voidless hermetically sealed glass package

• Extremely robust construction

• Triple-layer passivation

• Internal “Category I” Metallurgical bonds for 1N4954 thru 1N4996, and “Category III” for 1N6632 thru 1N6637 as well as 1N5968 thru 1N5959

• JAN, JANTX, JANTXV, and JANS available per MIL PRF-19500/356

• Surface mount equivalents also available in a square end-cap MELF configuration with “US” suffix (see separate data sheet for 1N4954US thru 1N4996US, 1N6632US thru 1N6637US and 1N5968US thru 1N5969US



APPLICATIONS / BENEFITS

• Regulates voltage over a broad operating current and temperature range

• Extensive selection from 3.3 to 390 V

• Standard voltage tolerances are plus/minus 5% with no suffix

• Tight tolerances available in plus or minus 2% or 1% with C or D suffix respectively

• Flexible axial-lead mounting terminals

• Nonsensitive to ESD per MIL-STD-750 Method 1020

• Inherently radiation hard as described in Microsemi MicroNote 050



 




Número de pieza similar - JANS1N4967CUS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
JANS1N4099 MICROSEMI-JANS1N4099 Datasheet
86Kb / 2P
SILICON 500mA LOW NOISE ZENER DIODES
JANS1N4099 MICROSEMI-JANS1N4099 Datasheet
109Kb / 2P
SILICON 400mA LOW NOISE ZENER DIODES
JANS1N4099-1 MICROSEMI-JANS1N4099-1 Datasheet
86Kb / 2P
SILICON 500mA LOW NOISE ZENER DIODES
JANS1N4099C MICROSEMI-JANS1N4099C Datasheet
109Kb / 2P
SILICON 400mA LOW NOISE ZENER DIODES
JANS1N4099CUR-1 MICROSEMI-JANS1N4099CUR-1 Datasheet
109Kb / 2P
SILICON 400mA LOW NOISE ZENER DIODES
More results


Descripción similar - JANS1N4967CUS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Compensated Deuices Inc...
1N6632 CDI-DIODE-1N6632 Datasheet
27Kb / 2P
5 WATT ZENER DIODES
1N6632US CDI-DIODE-1N6632US Datasheet
59Kb / 2P
5 WATT ZENER DIODES
logo
Microsemi Corporation
1N4460 MICROSEMI-1N4460 Datasheet
64Kb / 2P
1.5 WATT GLASS ZENER DIODES
1N6632 MICROSEMI-1N6632 Datasheet
41Kb / 2P
5 WATT ZENER DIODES
JAN1N4958 MICROSEMI-JAN1N4958 Datasheet
95Kb / 2P
5 WATT GLASS ZENER DIODES
JANTX1N4965 MICROSEMI-JANTX1N4965 Datasheet
95Kb / 2P
5 WATT GLASS ZENER DIODES
logo
First Components Intern...
1N5333 FCI-1N5333 Datasheet
100Kb / 3P
5 Watt ZENER DIODES
logo
Digitron Semiconductors
1N5968 DIGITRON-1N5968 Datasheet
132Kb / 2P
5 WATT GLASS ZENER DIODES
1N5333B DIGITRON-1N5333B Datasheet
161Kb / 3P
5 WATT ZENER DIODES
1N4954 DIGITRON-1N4954 Datasheet
200Kb / 3P
5 WATT GLASS ZENER DIODES
More results




Sobre a Microsemi Corporation


Microsemi Corporation era una empresa estadounidense especializada en el diseño y fabricación de soluciones de semiconductores y sistemas.
La compañía fue fundada en 1960 y tenía su sede en Aliso Viejo, California.
Microsemi proporcionó una amplia gama de productos que incluyen circuitos integrados analógicos y de señal mixta, matrices de compuertas programables de campo (FPGA), productos de gestión y control de energía, y otras soluciones de semiconductores.
Los productos de la compañía se utilizaron en diversas aplicaciones, como defensa y seguridad, aeroespacial y aviación, industrial y comunicaciones.
Microsemi era conocido por su experiencia en tecnología de semiconductores y su capacidad para ofrecer productos confiables y de alta calidad a sus clientes.
En 2018, Microsemi fue adquirido por Microchip Technology, un proveedor líder de productos microcontroladores, señal mixtos, analógicos y de seguridad.
La marca Microsemi ya no está en uso, pero su tecnología y productos continúan siendo parte de la cartera de Microchip.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com