Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

GBJ15005 Datasheet (PDF) - Nanjing International Group Co

GBJ15005 Datasheet PDF - Nanjing International Group Co
No. de pieza GBJ15005
Descarga  GBJ15005 Descarga
Tamaño del archivo   222.79 Kbytes
Page   2 Pages
Fabricante Electrónico  DGNJDZ [Nanjing International Group Co]
Página de inicio  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Descripción Electrónicos 15A GLASS PASSIVATED BRIDGE RECTIFIER

GBJ15005 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
GBJ15005 Datasheet PDF - Nanjing International Group Co

No. de pieza GBJ15005
Descarga  GBJ15005 Click to download

Tamaño del archivo   222.79 Kbytes
Page   2 Pages
Fabricante Electrónico  DGNJDZ [Nanjing International Group Co]
Página de inicio  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Descripción Electrónicos 15A GLASS PASSIVATED BRIDGE RECTIFIER

GBJ15005 Datasheet (HTML) - Nanjing International Group Co


GBJ15005 Detalles de producto

VOLTAGE RANGE 50 to 1000 Volts CURRENT 15.0 Ampere

Features
• Glass Passivated Die Construction
• High Case Dielectric Strength of 1500VRMS
• Low Reverse Leakage Current
• Surge Overload Rating to 240A Peak
• Ideal for Printed Circuit Board Applications
• Plastic Material - UL Flammability
   Classification 94V-0




Número de pieza similar - GBJ15005

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
GBJ15005 DIODES-GBJ15005 Datasheet
62Kb / 2P
15A GLASS PASSIVATED BRIDGE RECTIFIER
DS21219 Rev. D-2
logo
Micro Commercial Compon...
GBJ15005 MCC-GBJ15005 Datasheet
91Kb / 2P
15 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
List of Unclassifed Man...
GBJ15005 ETC-GBJ15005 Datasheet
87Kb / 2P
Single Phase Bridge Rectifiers
logo
Diodes Incorporated
GBJ15005 DIODES-GBJ15005 Datasheet
82Kb / 3P
15A GLASS PASSIVATED BRIDGE RECTIFIER
DS21219 Rev. 7 - 2
logo
Sirectifier Semiconduct...
GBJ15005 SIRECTIFIER-GBJ15005 Datasheet
60Kb / 2P
Single Phase Bridge Rectifiers
More results


Descripción similar - GBJ15005

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
GBJ15005 DIODES-GBJ15005 Datasheet
62Kb / 2P
15A GLASS PASSIVATED BRIDGE RECTIFIER
DS21219 Rev. D-2
GBJ15005 DIODES-GBJ15005_1 Datasheet
82Kb / 3P
15A GLASS PASSIVATED BRIDGE RECTIFIER
DS21219 Rev. 7 - 2
logo
TAITRON Components Inco...
GBPC15-005W TAITRON-GBPC15-005W Datasheet
138Kb / 4P
15A Glass Passivated Bridge Rectifier
logo
Shenzhen Luguang Electr...
GBJ15005 LUGUANG-GBJ15005 Datasheet
157Kb / 2P
15A Glass Passivated Bridge Rectifier
logo
Yea Shin Technology Co....
GBJ15005 YEASHIN-GBJ15005 Datasheet
328Kb / 2P
15A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
D15XB05 ZSELEC-D15XB05 Datasheet
43Kb / 2P
15A GLASS PASSIVATED BRIDGE RECTIFIER
GBJ15A ZSELEC-GBJ15A Datasheet
43Kb / 2P
15A GLASS PASSIVATED BRIDGE RECTIFIER
GBJ15005 ZSELEC-GBJ15005 Datasheet
43Kb / 2P
15A GLASS PASSIVATED BRIDGE RECTIFIER
RS15005M ZSELEC-RS15005M Datasheet
87Kb / 2P
15A GLASS PASSIVATED BRIDGE RECTIFIER
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com