Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AZ431AZATRG1 Datasheet (PDF) - Diodes Incorporated

AZ431AZATRG1 Datasheet PDF - Diodes Incorporated
No. de pieza AZ431AZATRG1
Descarga  AZ431AZATRG1 Descarga
Tamaño del archivo   448.49 Kbytes
Page   21 Pages
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Descripción Electrónicos ADJUSTABLE PRECISION SHUNT REGULATORS

AZ431AZATRG1 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
AZ431AZATRG1 Datasheet PDF - Diodes Incorporated

No. de pieza AZ431AZATRG1
Descarga  AZ431AZATRG1 Click to download

Tamaño del archivo   448.49 Kbytes
Page   21 Pages
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Descripción Electrónicos ADJUSTABLE PRECISION SHUNT REGULATORS

AZ431AZATRG1 Datasheet (HTML) - Diodes Incorporated


AZ431AZATRG1 Detalles de producto

Description
The AZ431-A is a three-terminal adjustable shunt regulator with guaranteed thermal stability over a full operation range. It features sharp turn-on characteristics, low temperature coefficient and low output impedance, which make it ideal substitute for Zener diode in applications such as switching power supply, charger and other adjustable regulators.
The output voltage of AZ431-A can be set to any value between VREF (2.5V) and the corresponding maximum cathode voltage (36V).
The AZ431-A precision reference is offered in two voltage tolerance: 0.4% and 0.8%.
This IC is available in 3 packages: TO92 (Bulk or Ammo Packing), SOT23 and SOT89.

Features
● Programmable Precise Output Voltage from 2.5V to 36V
● High Stability under Capacitive Load
● Low Temperature Deviation: 4.5mV Typical
● Low Equivalent Full-range Temperature Coefficient with 20PPM/°C Typical
● Sink Current Capacity from 1mA to 100mA
● Low Output Noise
● Wide Operating Range of -40 to +125°C
● Lead-Free Packages: TO92, SOT23, SOT89
● Totally Lead-Free; RoHS Compliant (Notes 1 & 2)
● Lead-Free Packages, Available in “Green” Molding Compound: TO92, SOT23
● Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
● Halogen and Antimony Free. “Green” Device (Note 3)

Applications
● Charger
● Voltage Adapter
● Switching Power Supply
● Graphic Card
● Precision Voltage Reference




Número de pieza similar - AZ431AZATRG1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
BCD Semiconductor Manuf...
AZ431AZATR BCDSEMI-AZ431AZATR Datasheet
186Kb / 20P
ADJUSTABLE PRECISION SHUNT REGULATORS
AZ431AZATRE1 BCDSEMI-AZ431AZATRE1 Datasheet
186Kb / 20P
ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Descripción similar - AZ431AZATRG1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
Adjustable precision shunt regulators
1997 Feb 25
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
Adjustable Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
Adjustable Precision Shunt Regulators
TL431SKA3 CYSTEKEC-TL431SKA3 Datasheet
453Kb / 9P
Adjustable Precision Shunt Regulators
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
ADJUSTABLE PRECISION SHUNT REGULATORS
Rev 3
logo
Bookly Micro electronic
BM431 BOOKLY-BM431 Datasheet
171Kb / 10P
ADJUSTABLE PRECISION SHUNT REGULATORS
More results




Sobre a Diodes Incorporated


Diodos Incorporated es una empresa que cotiza en bolsa que diseña, fabrica y proporciona una amplia gama de semiconductores de señal mixtos, analógicos y de señal mixto y soluciones de energía completas.
La compañía fue fundada en 1964 y tiene su sede en Plano, Texas.
Opera a nivel mundial con centros de ventas, soporte y diseño en América del Norte, Europa y Asia.
Diodos Incorporated sirve a una variedad de industrias, que incluyen automotriz, comunicaciones, computación, consumidores e industriales.
La compañía ofrece una amplia gama de productos, incluidos diodos, rectificadores, transistores, reguladores de voltaje, MOSFET, conductores LED y dispositivos de protección, entre otros.
La misión de la compañía es proporcionar a los clientes productos de alta calidad y alta confiabilidad y un excelente servicio al cliente.
Con un enfoque en la innovación y la satisfacción del cliente, Diodos Incorporated se compromete a convertirse en un proveedor líder de soluciones de gestión de energía.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com