Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L496VGI6SXXX Datasheet (PDF) - STMicroelectronics

STM32L496VGI6SXXX Datasheet PDF - STMicroelectronics
No. de pieza STM32L496VGI6SXXX
Descarga  STM32L496VGI6SXXX Descarga
Tamaño del archivo   3381.83 Kbytes
Page   263 Pages
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Descripción Electrónicos 25 nA Shutdown mode

STM32L496VGI6SXXX Datasheet (PDF)

Go To PDF Page Descarga Datasheet
STM32L496VGI6SXXX Datasheet PDF - STMicroelectronics

No. de pieza STM32L496VGI6SXXX
Descarga  STM32L496VGI6SXXX Click to download

Tamaño del archivo   3381.83 Kbytes
Page   263 Pages
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Descripción Electrónicos 25 nA Shutdown mode

STM32L496VGI6SXXX Datasheet (HTML) - STMicroelectronics


STM32L496VGI6SXXX Detalles de producto

Features
■ Ultra-low-power with FlexPowerControl – 1.71 V to 3.6 V power supply – -40 °C to 85/125 °C temperature range – 320 nA in VBAT mode: supply for RTC and 32x32-bit backup registers – 25 nA Shutdown mode (5 wakeup pins) – 108 nA Standby mode (5 wakeup pins) – 426 nA Standby mode with RTC – 2.57 µA Stop 2 mode, 2.86 µA Stop 2 with RTC – 91 µA/MHz run mode (LDO Mode) – 37 μA/MHz run mode (@3.3 V SMPS Mode) – Batch acquisition mode (BAM) – 5 µs wakeup from Stop mode – Brown out reset (BOR) in all modes except shutdown – Interconnect matrix
■ Core: ARM® 32-bit Cortex®-M4 CPU with FPU, Adaptive real-time accelerator (ART Accelerator™) allowing 0-wait-state execution from Flash memory, frequency up to 80 MHz, MPU, 100 DMIPS and DSP instructions
■ Performance benchmark – 1.25 DMIPS/MHz (Drystone 2.1) – 273.55 Coremark® (3.42 Coremark/MHz @ 80 MHz)
■ Energy benchmark – 217 ULPBENCH™ score
■ 16 x timers: 2 x 16-bit advanced motor-control, 2 x 32-bit and 5 x 16-bit general purpose, 2 x 16-bit basic, 2 x low-power 16-bit timers (available in Stop mode), 2 x watchdogs, SysTick timer
■ RTC with HW calendar, alarms and calibration
■ Up to 136 fast I/Os, most 5 V-tolerant, up to 14 I/Os with independent supply down to 1.08 V
■ Dedicated Chrom-ART Accelerator™ for enhanced graphic content creation (DMA2D)
■ 8- to 14-bit camera interface up to 32 MHz (black&white) or 10 MHz (color)
■ Memories – Up to 1 MB Flash, 2 banks read-while- write, proprietary code readout protection – 320 KB of SRAM including 64 KB with hardware parity check – External memory interface for static memories supporting SRAM, PSRAM, NOR and NAND memories – Dual-flash Quad SPI memory interface
■ Clock Sources – 4 to 48 MHz crystal oscillator – 32 kHz crystal oscillator for RTC (LSE) – Internal 16 MHz factory-trimmed RC (±1%) – Internal low-power 32 kHz RC (±5%) – Internal multispeed 100 kHz to 48 MHz oscillator, auto-trimmed by LSE (better than ±0.25% accuracy) – Internal 48 MHz with clock recovery – 3 PLLs for system clock, USB, audio, ADC
■ LCD 8 × 40 or 4 × 44 with step-up converter
■ Up to 24 capacitive sensing channels: support touchkey, linear and rotary touch sensors
■ 4 x digital filters for sigma delta modulator
■ Rich analog peripherals (independent supply) – 3 × 12-bit ADC 5 Msps, up to 16-bit with hardware oversampling, 200 µA/Msps – 2 x 12-bit DAC, low-power sample and hold UFBGA132 (7 × 7) LQFP144 (20 × 20) UFBGA169 (7 x 7) WLCSP100 LQFP100 (14 x 14) LQFP64 (10 x 10)




Número de pieza similar - STM32L496VGI6SXXX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STM32L496VGI6 STMICROELECTRONICS-STM32L496VGI6 Datasheet
3Mb / 262P
Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 320KB SRAM, USB OTG FS, audio, ext. SMPS
22-Feb-2017
STM32L496VGI6P STMICROELECTRONICS-STM32L496VGI6P Datasheet
3Mb / 262P
Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 320KB SRAM, USB OTG FS, audio, ext. SMPS
22-Feb-2017
STM32L496VGI6PTR STMICROELECTRONICS-STM32L496VGI6PTR Datasheet
3Mb / 262P
Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 320KB SRAM, USB OTG FS, audio, ext. SMPS
22-Feb-2017
STM32L496VGI6PXXX STMICROELECTRONICS-STM32L496VGI6PXXX Datasheet
3Mb / 262P
Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 320KB SRAM, USB OTG FS, audio, ext. SMPS
22-Feb-2017
STM32L496VGI6TR STMICROELECTRONICS-STM32L496VGI6TR Datasheet
3Mb / 262P
Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 320KB SRAM, USB OTG FS, audio, ext. SMPS
22-Feb-2017
More results


Descripción similar - STM32L496VGI6SXXX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM4819 NSC-LM4819 Datasheet
616Kb / 21P
350mW Audio Power Amplifier with Shutdown Mode
logo
List of Unclassifed Man...
CM8662 ETC-CM8662 Datasheet
237Kb / 8P
AUDIO POWER AMP WITH SHUTDOWN MODE
logo
Anachip Corp
AP4809 ANACHIP-AP4809 Datasheet
234Kb / 9P
Stereo Headphone Amplifier With Shutdown Mode
Rev. 1.0 Sep 29, 2004
logo
List of Unclassifed Man...
HWD2119 ETC1-HWD2119 Datasheet
877Kb / 21P
350mWAudio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862 Datasheet
125Kb / 5P
AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Texas Instruments
LP3891ES-1.2 TI-LP3891ES-1.2 Datasheet
1Mb / 19P
1.5% Output Accuracy (25째C), 60 nA Typical Quiescent Current in Shutdown
logo
SG Micro Corp
SGM4871 SGMICRO-SGM4871 Datasheet
331Kb / 12P
Audio Power Amplifier with Shutdown Mode
logo
Rohm
BD1482EFJ ROHM-BD1482EFJ Datasheet
568Kb / 20P
Low Standby Current during Shutdown Mode
BD1484EFJ ROHM-BD1484EFJ Datasheet
565Kb / 20P
Low Standby Current during Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862_15 Datasheet
153Kb / 4P
AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
More results




Sobre a STMicroelectronics


STMicroelectronics es un fabricante multinacional de electrónica y semiconductores con sede en Ginebra, Suiza.

La compañía ofrece una amplia gama de productos que incluyen microcontroladores, sensores, amplificadores de energía y circuitos integrados para diversas aplicaciones en los mercados automotrices, industriales y de consumo.

Fundada en 1987, Stmicroelectronics tiene operaciones en más de 100 países y es una de las compañías semiconductores más grandes del mundo.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com