Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

NAND512W4A2CN6F Datasheet (PDF) - STMicroelectronics

NAND512W4A2CN6F Datasheet PDF - STMicroelectronics
No. de pieza NAND512W4A2CN6F
Descarga  NAND512W4A2CN6F Descarga
Tamaño del archivo   916.59 Kbytes
Page   57 Pages
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Descripción Electrónicos 128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories

NAND512W4A2CN6F Datasheet (PDF)

Go To PDF Page Descarga Datasheet
NAND512W4A2CN6F Datasheet PDF - STMicroelectronics

No. de pieza NAND512W4A2CN6F
Descarga  NAND512W4A2CN6F Click to download

Tamaño del archivo   916.59 Kbytes
Page   57 Pages
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Descripción Electrónicos 128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories

NAND512W4A2CN6F Datasheet (HTML) - STMicroelectronics


NAND512W4A2CN6F Detalles de producto

SUMMARY DESCRIPTION
The NAND Flash 528 Byte/ 264 Word Page is a family of non-volatile Flash memories that uses
the Single Level Cell (SLC) NAND cell technology. It is referred to as the Small Page family. The devices range from 128Mbits to 1Gbit and operate with either a 1.8V or 3V voltage supply. The size of a Page is either 528 Bytes (512 + 16 spare) or 264 Words (256 + 8 spare) depending on whether the device has a x8 or x16 bus width.

FEATURES SUMMARY
■ HIGH DENSITY NAND FLASH MEMORIES
   – Up to 1 Gbit memory array
   – Up to 32 Mbit spare area
   – Cost effective solutions for mass storage applications
■ NAND INTERFACE
   – x8 or x16 bus width
   – Multiplexed Address/ Data
   – Pinout compatibility for all densities
■ SUPPLY VOLTAGE
   – 1.8V device: VDD = 1.7 to 1.95V
   – 3.0V device: VDD = 2.7 to 3.6V
■ PAGE SIZE
   – x8 device: (512 + 16 spare) Bytes
   – x16 device: (256 + 8 spare) Words
■ BLOCK SIZE
   – x8 device: (16K + 512 spare) Bytes
   – x16 device: (8K + 256 spare) Words
■ PAGE READ / PROGRAM
   – Random access: 12µs (max)
   – Sequential access: 50ns (min)
   – Page program time: 200µs (typ)
■ COPY BACK PROGRAM MODE
   – Fast page copy without external buffering
■ FAST BLOCK ERASE
   – Block erase time: 2ms (Typ)
■ STATUS REGISTER
■ ELECTRONIC SIGNATURE
■ CHIP ENABLE ‘DON’T CARE’ OPTION
   – Simple interface with microcontroller
■ SERIAL NUMBER OPTION
■ HARDWARE DATA PROTECTION
   – Program/Erase locked during Power transitions
■ DATA INTEGRITY
   – 100,000 Program/Erase cycles
   – 10 years Data Retention
■ RoHS COMPLIANCE
   – Lead-Free Components are Compliant with the RoHS Directive
■ DEVELOPMENT TOOLS
   – Error Correction Code software and hardware models
   – Bad Blocks Management and Wear Leveling algorithms
   – File System OS Native reference software
   – Hardware simulation models




Número de pieza similar - NAND512W4A2CN6F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
NAND512W4A2CN6F STMICROELECTRONICS-NAND512W4A2CN6F Datasheet
674Kb / 51P
512 Mbit, 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
08-Feb-2007
logo
Numonyx B.V
NAND512W4A2CN6F NUMONYX-NAND512W4A2CN6F Datasheet
1Mb / 51P
512 Mbit, 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
More results


Descripción similar - NAND512W4A2CN6F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
NAND01G-B STMICROELECTRONICS-NAND01G-B Datasheet
631Kb / 64P
1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
13-Feb-2006
NAND01G-N STMICROELECTRONICS-NAND01G-N Datasheet
217Kb / 23P
1 Gbit (x8/x16) 2112 Byte Page NAND Flash Memory and 512 Mbit (x16) LPSDRAM, 1.8V, Multi-Chip Package
31-Jan-2006
NAND04GW3B2B STMICROELECTRONICS-NAND04GW3B2B Datasheet
501Kb / 58P
4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
30-May-2006
NAND01G-B2B STMICROELECTRONICS-NAND01G-B2B Datasheet
711Kb / 62P
1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
23-Nov-2006
NAND256-M STMICROELECTRONICS-NAND256-M Datasheet
228Kb / 23P
256/512Mb/1Gb (x8/x16, 1.8/3V, 528 Byte Page) NAND Flash Memories 256/512Mb (x16/x32, 1.8V) LPSDRAM, MCP
24-Aug-2006
NAND512R3A2C STMICROELECTRONICS-NAND512R3A2C Datasheet
674Kb / 51P
512 Mbit, 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
08-Feb-2007
logo
Numonyx B.V
NAND04GW3B2B NUMONYX-NAND04GW3B2B Datasheet
1Mb / 58P
4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
NAND512R3A2C NUMONYX-NAND512R3A2C Datasheet
1Mb / 51P
512 Mbit, 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
NAND512R3A2SN6F NUMONYX-NAND512R3A2SN6F Datasheet
1Mb / 55P
512-Mbit, 528-byte/264-word page, 1.8 V/3 V, SLC NAND flash memories
logo
STMicroelectronics
NAND512-B STMICROELECTRONICS-NAND512-B Datasheet
383Kb / 59P
512 Mbit, 1 Gbit, 2 Gbit, 4 Gbit, 8 Gbit 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
25-Feb-2005
More results




Sobre a STMicroelectronics


STMicroelectronics es un fabricante multinacional de electrónica y semiconductores con sede en Ginebra, Suiza.

La compañía ofrece una amplia gama de productos que incluyen microcontroladores, sensores, amplificadores de energía y circuitos integrados para diversas aplicaciones en los mercados automotrices, industriales y de consumo.

Fundada en 1987, Stmicroelectronics tiene operaciones en más de 100 países y es una de las compañías semiconductores más grandes del mundo.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com