Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

NTE1927 Datasheet (PDF) - NTE Electronics

NTE1927 Datasheet PDF - NTE Electronics
No. de pieza NTE1927
Descarga  NTE1927 Descarga
Tamaño del archivo   30.96 Kbytes
Page   3 Pages
Fabricante Electrónico  NTE [NTE Electronics]
Página de inicio  http://www.nteinc.com
Logo NTE - NTE Electronics
Descripción Electrónicos Integrated Circuit 4-Terminal Negative Adjustable Voltage Regulator

NTE1927 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
NTE1927 Datasheet PDF - NTE Electronics

No. de pieza NTE1927
Descarga  NTE1927 Click to download

Tamaño del archivo   30.96 Kbytes
Page   3 Pages
Fabricante Electrónico  NTE [NTE Electronics]
Página de inicio  http://www.nteinc.com
Logo NTE - NTE Electronics
Descripción Electrónicos Integrated Circuit 4-Terminal Negative Adjustable Voltage Regulator

NTE1927 Datasheet (HTML) - NTE Electronics


NTE1927 Detalles de producto

Description:

The NTE1927 is a 4–terminal negative adjustable voltage regulator in a TO3 type package designed to deliver continuous load currents of up to 1A with a maximum input voltage of –40V.



Features:

• Output Current in Excess of 1A

• Negative Output –30V to –2.2V

• Internal Thermal Overload Protection

• Internal Short Circuit Protection

• Output Transistor Safe–Area Protection



 




Número de pieza similar - NTE1927

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NTE Electronics
NTE192 NTE-NTE192 Datasheet
22Kb / 2P
Silicon Complementary Transistors Audio Power Output
NTE1920 NTE-NTE1920 Datasheet
25Kb / 2P
3 Terminal Positive Voltage Regulator 18V, 1.5A
NTE1923 NTE-NTE1923 Datasheet
25Kb / 2P
3 Terminal Negative Voltage Regulator -18V, 1.5A
NTE1924 NTE-NTE1924 Datasheet
24Kb / 2P
Integrated Circuit Positive 3 Terminal Voltage Regulator, 24V, 1.5A
NTE1925 NTE-NTE1925 Datasheet
25Kb / 2P
3 Terminal Negative Voltage Regulator -18V, 1.5A
More results


Descripción similar - NTE1927

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NTE Electronics
NTE1900 NTE-NTE1900 Datasheet
24Kb / 2P
Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator
NTE1901 NTE-NTE1901 Datasheet
24Kb / 3P
Integrated Circuit Negative Adjustable Voltage Regulator, -1.2V to -37V, 100mA
NTE1903 NTE-NTE1903 Datasheet
23Kb / 2P
Integrated Circuit Negative 3 Terminal Voltage Regulator, -12V, 100mA
NTE1919 NTE-NTE1919 Datasheet
24Kb / 2P
Integrated Circuit Negative 3 Terminal Voltage Regulator, -15V, 1.5A
NTE1961 NTE-NTE1961 Datasheet
29Kb / 3P
Integrated Circuit Negative, 3-Terminal Voltage Regulator
NTE953 NTE-NTE953 Datasheet
28Kb / 4P
Linear Integrated Circuit 4-Terminal Positive Adjustable Voltage Regulator
NTE956 NTE-NTE956 Datasheet
22Kb / 2P
Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator
NTE957 NTE-NTE957 Datasheet
24Kb / 2P
Integrated Circuit 3-Terminal Adjustable Negative Voltage Regulator
logo
ON Semiconductor
LM337 ONSEMI-LM337 Datasheet
172Kb / 8P
THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR
1996 Rev 1
logo
Panasonic Semiconductor
AN6536 PANASONIC-AN6536 Datasheet
170Kb / 4P
4-Terminal Negative Adjustable Voltage Regulator
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com