| Fabricante Electrónico | No. de pieza | Datasheet | Descripción Electrónicos |
 Wurth Elektronik GmbH &... |
692901100000
|
390Kb / 2P |
CABLE ASSEMBLY USB 3.0 TYPE A MALE TO TYPE A MALE
|
|
692902100000
|
393Kb / 2P |
CABLE ASSEMBLY USB 3.0 TYPE A MALE TO TYPE A FEMALE
|
 Assmann Electronics Inc... |
AK669-50-R
|
194Kb / 1P |
USB Extention Cable Version 1.1 USB A Male to USB A Female
|
 List of Unclassifed Man... |
632905731122
|
343Kb / 2P |
CABLE USB 3.1 C MALE TO USB 3.0 A FEMALE
|
 Wurth Elektronik GmbH &... |
632905731122
|
388Kb / 2P |
CABLE USB 3.1 C MALE TO USB 3.0 A FEMALE
|
 Molex Electronics Ltd. |
0687890035
|
41Kb / 1P |
USB Shielded I/O Cable Assembly, USB 3.0, Type A Male-to-Type A Female, 1.0m USB Shielded I/O Cable Assembly, USB 3.0, Type A Male-to-Type A Female, 1.0m
|
 Wurth Elektronik GmbH &... |
692902100001
|
371Kb / 1P |
CABLE ASSEMBLY USB 3.0 TYPE A MALE TO TYPE A FEMALE
A 07-NOV-13 |
 List of Unclassifed Man... |
USBCM303M0USBAMWHR
|
479Kb / 6P |
USB A MALE to USB C MALE 3.0 56K Res, GT Cable
08/23/2022 |
 Newnex Technology Corp. |
UL-EX-10M
|
157Kb / 1P |
FireNEX™ - uLINK EX , USB 3.0 Active Repeater Cable, A Male to A Female, 10 Meters,Black.
|
|
UL-EX-16M
|
157Kb / 1P |
FireNEX™ - uLINK EX , USB 3.0 Active Repeater Cable, A Male to A Female, 16 Meters,Black.
|