| Fabricante Electrónico | No. de pieza | Datasheet | Descripción Electrónicos |
 NXP Semiconductors |
LPC84X
|
2Mb / 97P |
32-bit Arm® Cortex®-M0 microcontroller;
Rev. 1.7-27 February 2018 |
 Nuvoton Technology Corp... |
M2354
|
4Mb / 234P |
NuMicro® Family Arm® 32-bit Cortex®-M23 Microcontroller
Rev. 1.01 |
|
M0A21
|
8Mb / 212P |
Arm® Cortex®-M 32-bit Microcontroller
|
|
M480
|
10Mb / 473P |
Arm® Cortex®-M 32-bit Microcontroller
Rev 2.00 |
|
M480
|
12Mb / 525P |
NuMicro® Family Arm® 32-bit Cortex®-M4 Microcontroller
Rev 3.03 |
 Infineon Technologies A... |
XMC4100
|
2Mb / 93P |
ARM® Cortex®-M4 32-bit processor core
V1.4 2018-09 |
 Nuvoton Technology Corp... |
M254
|
8Mb / 256P |
NuMicro® Family Arm® 32-bit Cortex®-M23 Microcontroller
Rev 1.01 / Nov. 12, 2021 |
 Advantech Co., Ltd. |
MIC-330
|
719Kb / 2P |
3U CompactPCI® Serial Intel® 9th Gen. Processor Blade
18-Feb-2022 |
|
MIC-3397
|
351Kb / 2P |
6U CompactPCI Quad Core Intel® Xeon® Processor Blade
10-Mar-2020 |
|
MIC-3820
|
349Kb / 1P |
3U CompactPCI® Serial SATA Carrier Board
15-Jul-2022 |