Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

C13805 Datasheet(PDF) 2 Page - Ledil, Inc.

No. de pieza C13805
Descripción Electrónicos  Strada Lens
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LEDIL [Ledil, Inc.]
Página de inicio  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C13805 Datasheet(HTML) 2 Page - Ledil, Inc.

  C13805 Datasheet HTML 1Page - Ledil, Inc. C13805 Datasheet HTML 2Page - Ledil, Inc. C13805 Datasheet HTML 3Page - Ledil, Inc. C13805 Datasheet HTML 4Page - Ledil, Inc. C13805 Datasheet HTML 5Page - Ledil, Inc. C13805 Datasheet HTML 6Page - Ledil, Inc. C13805 Datasheet HTML 7Page - Ledil, Inc. C13805 Datasheet HTML 8Page - Ledil, Inc. C13805 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 64 page
background image
PRODUCT DATASHEET
Strada series
last update 20/12/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
PrevaLED Brick DC 2x8
sim: AsymmetricAsymmetric sim: 92 % sim: 0.510 -
Fortimo FastFlex LED board 2x8 DA G4 Asymmetric degAsymmetric sim: 94 % 0.580
-
Fortimo FastFlex LED board 2x8 DAX G4Asymmetric degAsymmetric 94 %
sim: 0.000 -
LH351B
Asymmetric degAsymmetric sim: 94 % 0.600
-
LH351D
sim: AsymmetricAsymmetric sim: 91 % sim: 0.480 -
Z8Y22P
Asymmetric degAsymmetric 94 %
0.630
-
Z8Y22
Asymmetric degAsymmetric 94 %
0.690
-
TL1L4
Asymmetric degAsymmetric 91 %
0.590
-
RLE G1 49x223mm 4000lm xxx EXC OTD
Asymmetric degAsymmetric 94 %
0.600
-
RLE G1 49x245mm 4000lm xxx EXC OTD
Asymmetric degAsymmetric 94 %
0.600
-
RLE G1 49x121mm 2000lm xxx EXC OTD
Asymmetric degAsymmetric 94 %
0.600
-
RLE G1 49x133mm 2000lm xxx EXC OTD
Asymmetric degAsymmetric 94 %
0.600
-
January 26th 2018 9:42 Copyright Ledil Oy - Subject to change without prior notice - Page 2/2
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com