Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TSM60NB099CF Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

No. de pieza TSM60NB099CF
Descripción Electrónicos  N-Channel Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM60NB099CF Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TSM60NB099CF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM60NB099CF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM60NB099CF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM60NB099CF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM60NB099CF Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM60NB099CF Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TSM60NB099CF
Taiwan Semiconductor
4
Version: A1705
CHARACTERISTICS CURVES
(TC = 25°C unless otherwise noted)
Capacitance vs. Drain-Source Voltage
BVDSS vs. Junction Temperature
Maximum Safe Operating Area, Junction-to-Case
Source-Drain Diode Forward Current vs. Voltage
Normalized Thermal Transient Impedance, Junction-to-Case
VDS, Drain to Source Voltage (V)
TJ, Junction Temperature (°C)
t, Square Wave Pulse Duration (sec)
VDS, Drain to Source Voltage (V)
VSD, Body Diode Forward Voltage (V)
0.8
0.9
1
1.1
1.2
-75
-50
-25
0
25
50
75
100
125
150
I
D=1mA
0.1
1
10
100
0.2
0.4
0.6
0.8
1
1.2
25℃
150℃
-55℃
1
10
100
1000
10000
100000
0
100
200
300
400
500
600
CISS
COSS
CRSS
0.001
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
SINGLE PULSE
RӨJC=1.8°C/W
Duty=0.5
Duty=0.2
Duty=0.1
Duty=0.05
Duty=0.02
Duty=0.01
Single
Notes:
Duty = t
1 / t2
T
J = TC + PDM x Z
ӨJC x RӨJC
0.1
1
10
100
1000
1
10
100
1000
R
DS(ON)
SINGLE PULSE
RӨJC=1.8°C/W
T
C=25°C



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com