Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

L78L08AB Datasheet(PDF) 19 Page - STMicroelectronics

No. de pieza L78L08AB
Descripción Electrónicos  POSITIVE VOLTAGE REGULATORS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78L08AB Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L78L08AB Datasheet HTML 15Page - STMicroelectronics L78L08AB Datasheet HTML 16Page - STMicroelectronics L78L08AB Datasheet HTML 17Page - STMicroelectronics L78L08AB Datasheet HTML 18Page - STMicroelectronics L78L08AB Datasheet HTML 19Page - STMicroelectronics L78L08AB Datasheet HTML 20Page - STMicroelectronics L78L08AB Datasheet HTML 21Page - STMicroelectronics L78L08AB Datasheet HTML 22Page - STMicroelectronics L78L08AB Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
L78L00 SERIES
19/24
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.35
1.75
0.053
0.069
A1
0.10
0.25
0.04
0.010
A2
1.10
1.65
0.043
0.065
B
0.33
0.51
0.013
0.020
C
0.19
0.25
0.007
0.010
D
4.80
5.00
0.189
0.197
E
3.80
4.00
0.150
0.157
e
1.27
0.050
H
5.80
6.20
0.228
0.244
h
0.25
0.50
0.010
0.020
L
0.40
1.27
0.016
0.050
k
˚ (max.)
ddd
0.1
0.04
SO-8 MECHANICAL DATA
0016023/C
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24