Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

L78L08CZAP Datasheet(PDF) 20 Page - STMicroelectronics

No. de pieza L78L08CZAP
Descripción Electrónicos  POSITIVE VOLTAGE REGULATORS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78L08CZAP Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L78L08CZAP Datasheet HTML 16Page - STMicroelectronics L78L08CZAP Datasheet HTML 17Page - STMicroelectronics L78L08CZAP Datasheet HTML 18Page - STMicroelectronics L78L08CZAP Datasheet HTML 19Page - STMicroelectronics L78L08CZAP Datasheet HTML 20Page - STMicroelectronics L78L08CZAP Datasheet HTML 21Page - STMicroelectronics L78L08CZAP Datasheet HTML 22Page - STMicroelectronics L78L08CZAP Datasheet HTML 23Page - STMicroelectronics L78L08CZAP Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
L78L00 SERIES
20/24
DIM.
mm.
mils
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.4
1.6
55.1
63.0
B
0.44
0.56
17.3
22.0
B1
0.36
0.48
14.2
18.9
C
0.35
0.44
13.8
17.3
C1
0.35
0.44
13.8
17.3
D
4.4
4.6
173.2
181.1
D1
1.62
1.83
63.8
72.0
E
2.29
2.6
90.2
102.4
e
1.42
1.57
55.9
61.8
e1
2.92
3.07
115.0
120.9
H
3.94
4.25
155.1
167.3
L
0.89
1.2
35.0
47.2
SOT-89 MECHANICAL DATA
P025H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24