Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FC13993 Datasheet(PDF) 1 Page - Ledil, Inc.

No. de pieza FC13993
Descripción Electrónicos  Angela RefPack
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LEDIL [Ledil, Inc.]
Página de inicio  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FC13993 Datasheet(HTML) 1 Page - Ledil, Inc.

  FC13993 Datasheet HTML 1Page - Ledil, Inc. FC13993 Datasheet HTML 2Page - Ledil, Inc. FC13993 Datasheet HTML 3Page - Ledil, Inc. FC13993 Datasheet HTML 4Page - Ledil, Inc. FC13993 Datasheet HTML 5Page - Ledil, Inc. FC13993 Datasheet HTML 6Page - Ledil, Inc. FC13993 Datasheet HTML 7Page - Ledil, Inc. FC13993 Datasheet HTML 8Page - Ledil, Inc. FC13993 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
PRODUCT DATASHEET
Angela series
last update 13/6/2014
DETAILS
Product Number
FC13993_ANGELA-RZ-W
Family
Angela
Type
RefPack
Color
metal
Diameter
119,5 mm
Height
74,5 mm
Style
round
Optic Material
PC
Holder Material
Fastening
socket, screw
Status
production ready
ROHS Compliant
Yes
Date Updated
13/06/2014
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
V13 Gen7
37 deg
Wide
78 %
1.400
TE: 2213254-2 + OPTIC CLIP Z50 TYPE1 2213194-1
LUXEON K12
37 deg
Wide
82 %
1.500
TE: 2213134-2 + OPTIC CLIP Z50 TYPE1 2213194-1
LUXEON K16
38 deg
Wide
83 %
1.400
TE: 2213134-2 + OPTIC CLIP Z50 TYPE1 2213194-1
COB J-Type
35 deg
Wide
79 %
1.400
IDEAL: 50-2103NC + 50-2100AN
PrevaLED Core Z4 LES19
38 deg
Wide
78 %
1.400
TE: OPTIC CLIP Z50 TYPE1 2213194-1
Fortimo SLM G5 LES 15 Standard
38 deg
Wide
76 %
1.300
TE: OPTIC CLIP Z50 TYPE1 2213194-1
AC Zhaga COB
41 deg
Wide
79 %
1.300
Optosource: SEHSMJD-A
SLE G1 15mm 2000lm 927 Sunset R EXC
38 deg
Wide
78 %
1.400
TE: 2213254-2 + OPTIC CLIP Z50 TYPE1 2213194-1
SLE G1 11mm 1000lm 927 Sunset R EXC
35 deg
Wide
78 %
1.500
TE: 2213254-2 + OPTIC CLIP Z50 TYPE1 2213194-1
February 8th 2018 2:14 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Número de pieza similar - FC13993

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ledil, Inc.
FC13991 LEDIL-FC13991 Datasheet
2Mb / 23P
Angela RefPack
FC13992 LEDIL-FC13992 Datasheet
1Mb / 20P
Angela RefPack
More results

Descripción similar - FC13993

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cree, Inc
FCN13706 CREE-FCN13706 Datasheet
2Mb / 40P
ANGELA series
F13380 CREE-F13380 Datasheet
5Mb / 108P
ANGELA series
F13840 CREE-F13840 Datasheet
5Mb / 88P
ANGELA series
logo
Ledil, Inc.
CN14182 LEDIL-CN14182 Datasheet
422Kb / 5P
Mirella RefPack
FCN14697 LEDIL-FCN14697 Datasheet
537Kb / 8P
Barbara RefPack
FC13991 LEDIL-FC13991 Datasheet
2Mb / 23P
Angela RefPack
FC13992 LEDIL-FC13992 Datasheet
1Mb / 20P
Angela RefPack
FN15270 LEDIL-FN15270 Datasheet
2Mb / 41P
Angelette RefPack
FN15272 LEDIL-FN15272 Datasheet
1Mb / 23P
Angelette RefPack
FC13973 LEDIL-FC13973 Datasheet
1Mb / 23P
Angelina RefPack
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com