Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SM5818PL Datasheet(PDF) 2 Page - Micro Commercial Components

No. de pieza SM5818PL
Descripción Electrónicos  Schottky Barrier Diodes 20 to 40 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MCC [Micro Commercial Components]
Página de inicio  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SM5818PL Datasheet(HTML) 2 Page - Micro Commercial Components

  SM5818PL Datasheet HTML 1Page - Micro Commercial Components SM5818PL Datasheet HTML 2Page - Micro Commercial Components SM5818PL Datasheet HTML 3Page - Micro Commercial Components SM5818PL Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Micro Commercial Components
M C C
R
SM5817PL-SM5819PL
www.mccsemi.com
2 of
4
Revision: L
2017/11/06
FIG1: TYPICAL FORWARD CURRENT
LEAD TEMPERATURE (℃)
0
1.0
0.75
0.25
0 20 40 60 80 100 120 140
1
0
2
5
10
20
50
100
5
FIG2: Surge Forward Current Capability
10
15
20
25
30
35
8.3ms Single Half Sine
Wave JEDEC Method
Number of Cycles
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.01
0.1
1
VF(V)
IF(A)
5
FIG3: Instantaneous Forward Voltage
SM5817PL
TJ=25°C
TJ=100°C
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.01
0.1
1
VF(V)
IF(A)
5
FIG4: Instantaneous Forward Voltage
SM5818PL and SM5819PL
TJ=25°C
TJ=100°C



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com