| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PCF8591P Datasheet(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8591P Datasheet(HTML) 13 Page - NXP Semiconductors |
|
13 / 28 page ![]() 2003 Jan 27 13 Philips Semiconductors Product specification 8-bit A/D and D/A converter PCF8591 8.3 System configuration A device generating a message is a ‘transmitter’, a device receiving a message is the ‘receiver’. The device that controls the message is the ‘master’ and the devices which are controlled by the master are the ‘slaves’. 8.4 Acknowledge The number of data bytes transferred between the start and stop conditions from transmitter to receiver is not limited. Each data byte of eight bits is followed by one acknowledge bit. The acknowledge bit is a HIGH level put on the bus by the transmitter whereas the master also generates an extra acknowledge related clock pulse. A slave receiver which is addressed must generate an acknowledge after the reception of each byte. Also a master must generate an acknowledge after the reception of each byte that has been clocked out of the slave transmitter. The device that acknowledges has to pull down the SDA line during the acknowledge clock pulse, so that the SDA line is stable LOW during the HIGH period of the acknowledge related clock pulse. A master receiver must signal an end of data to the transmitter by not generating an acknowledge on the last byte that has been clocked out of the slave. In this event the transmitter must leave the data line HIGH to enable the master to generate a stop condition. MBA605 MASTER TRANSMITTER / RECEIVER SLAVE RECEIVER SLAVE TRANSMITTER / RECEIVER MASTER TRANSMITTER MASTER TRANSMITTER / RECEIVER SDA SCL Fig.14 System configuration. Fig.15 Acknowledgement on the I2C-bus. handbook, full pagewidth MBC602 S START condition 9 8 2 1 clock pulse for acknowledgement not acknowledge acknowledge DATA OUTPUT BY TRANSMITTER DATA OUTPUT BY RECEIVER SCL FROM MASTER |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |