Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PCF8591T Datasheet(PDF) 14 Page - NXP Semiconductors

No. de pieza PCF8591T
Descripción Electrónicos  8-bit A/D and D/A converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8591T Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCF8591T Datasheet HTML 10Page - NXP Semiconductors PCF8591T Datasheet HTML 11Page - NXP Semiconductors PCF8591T Datasheet HTML 12Page - NXP Semiconductors PCF8591T Datasheet HTML 13Page - NXP Semiconductors PCF8591T Datasheet HTML 14Page - NXP Semiconductors PCF8591T Datasheet HTML 15Page - NXP Semiconductors PCF8591T Datasheet HTML 16Page - NXP Semiconductors PCF8591T Datasheet HTML 17Page - NXP Semiconductors PCF8591T Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
2003 Jan 27
14
Philips Semiconductors
Product specification
8-bit A/D and D/A converter
PCF8591
8.5
I2C-bus protocol
After a start condition a valid hardware address has to be sent to a PCF8591 device. The read/write bit defines the
direction of the following single or multiple byte data transfer. For the format and the timing of the start condition (S), the
stop condition (P) and the acknowledge bit (A) refer to the I2C-bus characteristics. In the write mode a data transfer is
terminated by sending either a stop condition or the start condition of the next data transfer.
handbook, full pagewidth
0
MBL833
S
ADDRESS
CONTROL BYTE
DATA BYTE
acknowledge
from PCF8591
A
acknowledge
from PCF8591
A
A
P/S
acknowledge
from PCF8591
N = 0 to M
data bytes
Fig.16 Bus protocol for write mode, D/A conversion.
handbook, full pagewidth
1
MBL834
S
ADDRESS
DATA BYTE
LAST DATA BYTE
acknowledge
from PCF8591
A
acknowledge
from master
A
1
P
no acknowledge
N = 0 to M
data bytes
Fig.17 Bus protocol for read mode, A/D conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com