Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RER133-41/18/2TDP Datasheet(PDF) 1 Page - ebm-papst

No. de pieza RER133-41/18/2TDP
Descripción Electrónicos  DC centrifugal fans
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EBMPAPST [ebm-papst]
Página de inicio  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

RER133-41/18/2TDP Datasheet(HTML) 1 Page - ebm-papst

  RER133-41/18/2TDP Datasheet HTML 1Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
– Possible special versions:
(See chapter DC fans - specials)
- Speed signal
- Go / NoGo alarm
- Alarm with speed limit
- External temperature sensor
- Internal temperature sensor
- PWM control input
- Analog control input
- Multi-option control input
- Moisture protection
- Salt spray protection
- Degree of protection: IP 54
Max.
565 m3/h
– Material:
Impeller: GRP1)
– Direction of air flow: Axial: Intake,
Centrifugal: Exhaust
– Direction of rotation: Clockwise,
looking towards rotor
– Connection:
via single wires AWG 18, 20 or
AWG 22, TR 64. Speed signal
and control input AWG 22
– Highlights:
Highly efficient and smoothly
operating 3-phase fan drive
Backward-curved impeller
– Weight:
890 g
1) Fiberglass-reinforced plastic
Type
m3/h
cfm
VDC
VDC
Bel(A)
/
Watts
rpm-1
°C
Hours
Hours
RER 133-41/14/2 TDMP
460
271
24
16...30
tbd
58
5 000
-20...+65
72 500 / 40 000
122 500
¿
RER 133-41/14/2 TDP*
565
332
24
16...36
tbd
90
6 000
-20...+65
70 000 / 37 500
117 500
¡
RER 133-41/18/2 TDMP*
460
271
48
36...57
tbd
50
5 000
-20...+65
72 500 / 40 000
122 500
¿
RER 133-41/18/2 TDP
565
332
48
36...72
8.2
87
6 000
-20...+65
70 000 / 37 500
117 500
¡
Subject to change
* On request
The air flow and sound level of the centrifugal fans
without external housing depend on their individual
installation conditions.
The stated air flow and sound level were recorded
under the following measurement parameters:
Centrifugal fan mounted on a foundation plate
140 x 140 mm.
Cover plate 140 x 140 mm, with an air inlet opening
Ø 87 mm, arranged concentrically to the impeller.
Speed control range from 800 rpm-1 at 7% PWM up to nominal speed at > 90% PWM.
Standstill at 0% PWM, maximum speed if control cable is interrupted.
Tin-plated
117
Inlet rings
from p. 252
Air performance measured according to: ISO 5801.
Installation category A, with ebm-papst inlet ring
without contact protection.
Noise: Total sound power level LWA
ISO 103002 measured on a hemisphere with
a distance of 2 m;
Sound pressure level LpA measured at 1 m
distance from fan axis.
The values given are applicable only under the
specified measuring conditions and may differ
depending on the installation conditions.
In the event of deviation from the standard
configuration, the parameters must be checked
after installation!
For detailed information see
http://www.ebmpapst.com/general conditions
DC centrifugal fans
Ø 133 x 91 mm
Series RER 133 TD
Nominal data


Número de pieza similar - RER133-41/18/2TDP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ebm-papst
RER133-41/18/2TDLOU EBMPAPST-RER133-41/18/2TDLOU Datasheet
472Kb / 1P
DC centrifugal fans
More results

Descripción similar - RER133-41/18/2TDP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ebm-papst
RLF100-1112 EBMPAPST-RLF100-1112 Datasheet
159Kb / 1P
DC centrifugal fans
RL48-1912ML EBMPAPST-RL48-1912ML Datasheet
429Kb / 3P
DC centrifugal fans
RG160-2812NM EBMPAPST-RG160-2812NM Datasheet
404Kb / 3P
DC centrifugal fans
RG125-1912NM EBMPAPST-RG125-1912NM Datasheet
349Kb / 3P
DC centrifugal fans
RER175TDU EBMPAPST-RER175TDU Datasheet
459Kb / 1P
DC centrifugal fans
RER160NTDU EBMPAPST-RER160NTDU Datasheet
366Kb / 1P
DC centrifugal fans
RER175TD EBMPAPST-RER175TD_16 Datasheet
228Kb / 1P
DC centrifugal fans
RG160NTD EBMPAPST-RG160NTD Datasheet
166Kb / 1P
DC centrifugal fans
RG160NTDU EBMPAPST-RG160NTDU Datasheet
349Kb / 1P
DC centrifugal fans
RL90N EBMPAPST-RL90N Datasheet
113Kb / 1P
DC centrifugal fans
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com