Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MMBT5401 Datasheet(PDF) 2 Page - Micro Commercial Components

No. de pieza MMBT5401
Descripción Electrónicos  PNP Plastic Encapsulate Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MCC [Micro Commercial Components]
Página de inicio  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMBT5401 Datasheet(HTML) 2 Page - Micro Commercial Components

  MMBT5401_14 Datasheet HTML 1Page - Micro Commercial Components MMBT5401_14 Datasheet HTML 2Page - Micro Commercial Components MMBT5401_14 Datasheet HTML 3Page - Micro Commercial Components MMBT5401_14 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MMBT5401
MCC
TM
Micro Commercial Components
Revision:
D
2014/11/04
-0.1
-1
-10
-100
-0.0
-0.2
-0.4
-0.6
-0.8
-1.0
-0.0
-0.2
-0.4
-0.6
-0.8
-1.0
-0.1
-1
-10
-100
-1
-10
1
10
100
-1
-10
-100
0
50
100
150
200
250
300
-0
-3
-6
-9
-0
-2
-4
-6
-8
-10
-12
-14
-16
-18
-20
-0.1
-1
-10
-100
-0.01
-0.1
-1
-600
COLLECTOR CURRENT I
C
(mA)
T
a=25
T
a=100
=10
I
C
V
BEsat
——
-600
V
CE=-5V
T
a=25
T
a=100
oC
BASE-EMITTER VOLTAGE
V
BE(V)
V
BE
——
I
C
-0.5
f=1MHz
I
E=0 / IC=0
T
a=25
oC
Cob
Cib
V
CB /
V
EB
C
ob
/ C
ib
——
REVERSE VOLTAGE V (V)
COLLECTOR CURRENT I
C
(mA)
T
a=25
oC
T
a=100
oC
V
CE=-5V
I
C
h
FE
——
-600
COMMON
EMITTER
T
a=25
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
-20uA
-30uA
-40uA
-90uA
-80uA
-50uA
-100uA
-70uA
-60uA
I
B=-10uA
Static Characteristic
T
a=25
T
a=100
=10
COLLECTOR CURRENT I
C
(mA)
V
CEsat
——
I
C
www.mccsemi.com
2 of 4



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com