Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PI5C16212 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

No. de pieza PI5C16212
Descripción Electrónicos  24-Bit Bus Exchange Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PERICOM [Pericom Semiconductor Corporation]
Página de inicio  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C16212 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI5C16212 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C16212 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C16212 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C16212 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5C16212 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PI5C16212
24-Bit Bus-Exchange Switch
2
PS7023J
09/09/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Storage Temperature .............................................. –65°Cto+150°C
Ambient Temperature with Power Applied ..............–40°C to +85°C
Supply Voltage to Ground Potential .......................... –0.5Vto+7.0V
DC Input Voltage ....................................................... –0.5Vto+7.0V
DC Output Current ................................................................ 120mA
Power Dissipation ....................................................................... 1W
Note:
Stresses greater than those listed under MAXIMUM RATINGS
may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
DC Electrical Characteristics (Over the Operating Range, TA = –40°C to +85°C, VCC = 5V ±10%)
Capacitance (TA =25°C,f=1MHz)
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2. Typical values are at VCC = 5.0V, TA = 25°C ambient and maximum loading.
3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
4. Measured by the voltage drop between A and B pin at indicated current through the switch. On-Resistance is determined by the
lower of the voltages on the two (A,B) pins.
5. This parameter is determined by device characterization but is not production tested.
RecommendedOperatingCondition
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
D.
n
i
M.
x
a
Ms
t
i
n
U
V C
C
e
g
a
tl
o
V
y
l
p
p
u
S4
5
.
5
V
V H
I
e
g
a
tl
o
V
t
u
p
n
I
l
e
v
e
L
-
h
g
i
H2
V L
I
e
g
a
tl
o
V
t
u
p
n
I
l
e
v
e
L
-
w
o
L—
8
.
0
TA
e
r
u
t
a
r
e
p
m
e
T
ri
A
-
e
e
r
F
g
n
it
a
r
e
p
O0
4
–5
8C
°
s
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
t
s
e
T
)
1
(
.
n
i
Mp
y
T
)
2
(
.
x
a
Ms
t
i
n
U
V H
I
e
g
a
tl
o
V
H
G
I
H
t
u
p
n
Il
e
v
e
L
H
G
I
H
c
i
g
o
L
d
e
e
t
n
a
r
a
u
G0
.
2—
V
V L
I
e
g
a
tl
o
V
W
O
L
t
u
p
n
Il
e
v
e
L
W
O
L
c
i
g
o
L
d
e
e
t
n
a
r
a
u
G5
.
0
–—
8
.
0
II
t
n
e
r
r
u
C
t
u
p
n
IV C
C
V
,.
x
a
M
=
N
I
V
=
C
C
D
N
G
r
o—
1
±
A
µ
V C
C
V
,
0
=
N
I
V
=
C
C
——
0
1
I H
Z
O
t
n
e
r
r
u
C
t
u
p
t
u
O
e
c
n
a
d
e
p
m
I
h
g
i
HV
-
B
,
A
-
0
C
C
——
1
±
V K
I
e
g
a
tl
o
V
e
d
o
i
D
p
m
a
l
CV C
C
I
,.
n
i
M
=
N
I
A
m
8
1
=—
7
.
0
–2
.
1
–V
I S
O
t
n
e
r
r
u
C
ti
u
c
ri
C
t
r
o
h
S
)
3
(
V
=
)
A
(
B
,
V
0
=
)
B
(
A
C
C
0
0
1—
A
m
VH
s
n
i
P
l
o
r
t
n
o
C
t
a
s
i
s
e
r
e
t
s
y
H
t
u
p
n
I—
0
5
1—
V
m
R N
O
e
c
n
a
t
s
i
s
e
R
n
O
h
c
ti
w
S
)
4
(
V C
C
V
,.
n
i
M
=
N
I
,
V
0
.
0
=
I N
O
A
m
4
6
=
0
28
20
4
V C
C
V
,.
n
i
M
=
N
I
,
V
4
.
2
=
I N
O
A
m
5
1
=
——
2
1
0
25
38
4
s
r
e
t
e
m
a
r
a
P
)
5
(
n
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
t
s
e
T.
p
y
T.
x
a
Ms
t
i
n
U
C N
I
e
c
n
a
ti
c
a
p
a
C
t
u
p
n
IV N
I
V
0
=3
6
F
p
C F
F
O
f
f
O
h
c
ti
w
S
,
e
c
n
a
ti
c
a
p
a
C
B
/
AV N
I
V
0
=6
4
1
C N
O
n
O
h
c
ti
w
S
,
e
c
n
a
ti
c
a
p
a
C
B
/
AV N
I
V
0
=2
10
3



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com