Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MI1000ERU Datasheet(PDF) 4 Page - MicroPower Direct, LLC

No. de pieza MI1000ERU
Descripción Electrónicos  Wide 4:1 Input, 10W Miniature 1 x 1 DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPD [MicroPower Direct, LLC]
Página de inicio  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MI1000ERU Datasheet(HTML) 4 Page - MicroPower Direct, LLC

  MI1000ERU Datasheet HTML 1Page - MicroPower Direct, LLC MI1000ERU Datasheet HTML 2Page - MicroPower Direct, LLC MI1000ERU Datasheet HTML 3Page - MicroPower Direct, LLC MI1000ERU Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Mechanical Dimensions: With A2S Adapter Board
Mechanical Dimensions: With A4S Adapter Board
For the A2S adapter board option, add
suffix “A2S” to the model number
(i.e. MI1024S-15ERU-A2S)
For the A4S adapter board option, add
suffix “A4S” to the model number
(i.e. MI1048D-12ERU-A4S)
Weight: 1.237 Oz (35g)
Weight: 1
.944 Oz (55g)
Notes:
All dimensions are typical in inches (mm)
Wire Range: 24 - 12 AWG
Tolerance x.xx = ±0.02 (±0.50)
Pin
Single Output
Pin
Dual Output
1
Remote On/Off
1
Remote On/Off
2-VIN
2-VIN
3+VIN
3+VIN
4-VOUT
4-VOUT
5
No Connection
5
Common
6+VOUT
6+VOUT
Pin Connections
Pin
Single Output
Pin
Dual Output
1
Remote On/Off
1
Remote On/Off
2-VIN
2-VIN
3+VIN
3+VIN
4-VOUT
4-VOUT
5
No Connection
5
Common
6+VOUT
6+VOUT
Pin Connections



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com