Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PEWCA1010 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

No. de pieza PEWCA1010
Descripción Electrónicos  WR-112 UG-51/U Square Cover Flange to SMA Female Waveguide to Coax Adapter Operating From 7.05 GHz to 10 GHz, H Band
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PASTERNACK [Pasternack Enterprises, Inc.]
Página de inicio  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWCA1010 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PEWCA1010 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWCA1010 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWCA1010 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
• Values at +25 °C, sea level unless stated otherwise
Typical Performance Data
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
7.0
7.5
8.0
8.5
9.0
9.5
10.0
7.05 GHz
VSWR
WR-112 UG-51/U Square Cover Flange to SMA Female Waveguide to Coax Adapter Operating From 7.05 GHz to 10 GHz,
H Band from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and
millimeter wave products maintain a 99.4% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-112 UG-51/U Square Cover Flange to SMA Female Waveguide to Coax Adapter Operating
From 7.05 GHz to 10 GHz, H Band PEWCA1010
URL: https://www.pasternack.com/wr-112-ug51-square-sma-female-waveguide-coax-adapter-10-ghz-pewca1010-p.aspx
PEWCA1010
PEWCA1010 REV 1.0
WR-112 UG-51/U Square Cover Flange to SMA
Female Waveguide to Coax Adapter Operating
From 7.05 GHz to 10 GHz, H Band
Waveguide to Coax Adapters Technical Data Sheet



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com