Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PEWCP1028 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

No. de pieza PEWCP1028
Descripción Electrónicos  WR-112 30 dB Directional Waveguide Broadwall Coupler, CPR-112G Grooved Flange, E-Plane Coupled Port, 7.05 GHz to 10 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PASTERNACK [Pasternack Enterprises, Inc.]
Página de inicio  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWCP1028 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PEWCP1028 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWCP1028 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWCP1028 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWCP1028 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEWCP1028 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
TECHNICAL DATA SHEET
The PEWCP1028 is a WR-112 Directional Broadwall waveguide coupler that operates in the frequency range of 7.05 to 10
GHz. This Waveguide component has a typical VSWR of 1.05:1. These designs are made of painted copper alloy and incor-
porate a broad wall configuration that result in a mid-band nominal coupling value of 10, 20, or 30 dB. Common applications
for this component would be where power measurements are required within a system for measuring/sampling power or fre-
quency monitoring with minimal signal loss to the main transmission line. Pasternack offers a complete family of waveguide
Crossguide and Broadwall couplers that are in-stock and ship same day.
Features
• Broadwall Waveguide Coupler
30 dB Nominal Coupling Level
• 7.05 GHz to 10 GHz Frequency Range
• Body and Flanges made of Copper Alloy
Low VSWR
Applications
• Test Benches
• Radar
• Satellite
• Microwave Radio
• Attenuation Measurements
• Power Measurements
Source Leveling
Electrical Specifications (Values at 25°C, sea level)
Description
Minimum
Typical
Maximum
Units
Frequency Range
7.05
10
GHz
Directivity
40
dB
Insertion Loss
0.15
dB
Main Line VSWR
1.05:1
Nominal Coupling Level
30
dB
.
Mechanical Specifications
Size
Length
18.62 in [472.95 mm]
Height
3.997 in [101.52 mm]
.
Weight
3.11 lbs [1.41 Kg]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-112 30 dB Directional Waveguide Broadwall Coupler, CPR-112G Grooved Flange, E-
Plane Coupled Port, 7.05 GHz to 10 GHz PEWCP1028
PEWCP1028
PEWCP1028 REV 1.0
WR-112 30 dB Directional Waveguide Broadwall
Coupler, CPR-112G Grooved Flange, E-Plane
Coupled Port, 7.05 GHz to 10 GHz


Número de pieza similar - PEWCP1028

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pasternack Enterprises,...
PEWCP1020 PASTERNACK-PEWCP1020 Datasheet
448Kb / 5P
WR-90 10 dB Directional Waveguide Broadwall Coupler, CPR-90G Grooved Flange, E-Plane Coupled Port, 8.2 GHz to 12.4 GHz
PEWCP1021 PASTERNACK-PEWCP1021 Datasheet
448Kb / 5P
WR-90 20 dB Directional Waveguide Broadwall Coupler, CPR-90G Grooved Flange, E-Plane Coupled Port, 8.2 GHz to 12.4 GHz
PEWCP1022 PASTERNACK-PEWCP1022 Datasheet
449Kb / 5P
WR-90 30 dB Directional Waveguide Broadwall Coupler, CPR-90G Grooved Flange, E-Plane Coupled Port, 8.2 GHz to 12.4 GHz
PEWCP1023 PASTERNACK-PEWCP1023 Datasheet
422Kb / 5P
WR-112 10 dB Directional Waveguide Broadwall Coupler, UG-51/U Square Cover Flange, E-Plane Coupled Port, 7.05 GHz to 10 GHz
PEWCP1024 PASTERNACK-PEWCP1024 Datasheet
414Kb / 5P
WR-112 20 dB Directional Waveguide Broadwall Coupler, UG-51/U Square Cover Flange, E-Plane Coupled Port, 7.05 GHz to 10 GHz
More results

Descripción similar - PEWCP1028

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pasternack Enterprises,...
PEWCP1020 PASTERNACK-PEWCP1020 Datasheet
448Kb / 5P
WR-90 10 dB Directional Waveguide Broadwall Coupler, CPR-90G Grooved Flange, E-Plane Coupled Port, 8.2 GHz to 12.4 GHz
PEWCP1022 PASTERNACK-PEWCP1022 Datasheet
449Kb / 5P
WR-90 30 dB Directional Waveguide Broadwall Coupler, CPR-90G Grooved Flange, E-Plane Coupled Port, 8.2 GHz to 12.4 GHz
PEWCP1026 PASTERNACK-PEWCP1026 Datasheet
445Kb / 5P
WR-112 10 dB Directional Waveguide Broadwall Coupler, CPR-112G Grooved Flange, E-Plane Coupled Port, 7.05 GHz to 10 GHz
PEWCP1027 PASTERNACK-PEWCP1027 Datasheet
445Kb / 5P
WR-112 20 dB Directional Waveguide Broadwall Coupler, CPR-112G Grooved Flange, E-Plane Coupled Port, 7.05 GHz to 10 GHz
PEWCP1032 PASTERNACK-PEWCP1032 Datasheet
438Kb / 5P
WR-137 10 dB Directional Waveguide Broadwall Coupler, CPR-137G Grooved Flange, E-Plane Coupled Port, 5.85 GHz to 8.2 GHz
PEWCP1034 PASTERNACK-PEWCP1034 Datasheet
445Kb / 5P
WR-137 30 dB Directional Waveguide Broadwall Coupler, CPR-137G Grooved Flange, E-Plane Coupled Port, 5.85 GHz to 8.2 GHz
PEWCP1067 PASTERNACK-PEWCP1067 Datasheet
428Kb / 5P
WR-112 20 dB Waveguide Crossguide Coupler, CPR-112G Grooved Flange, 7.05 GHz to 10 GHz
PEWCP1068 PASTERNACK-PEWCP1068 Datasheet
430Kb / 5P
WR-112 30 dB Waveguide Crossguide Coupler, CPR-112G Grooved Flange, 7.05 GHz to 10 GHz
PEWCP1069 PASTERNACK-PEWCP1069 Datasheet
429Kb / 5P
WR-112 40 dB Waveguide Crossguide Coupler, CPR-112G Grooved Flange, 7.05 GHz to 10 GHz
PEWCP1070 PASTERNACK-PEWCP1070 Datasheet
429Kb / 5P
WR-112 50 dB Waveguide Crossguide Coupler, CPR-112G Grooved Flange, 7.05 GHz to 10 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com