| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TLE2022CDR Datasheet(PDF) 61 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLE2022CDR Datasheet(HTML) 61 Page - Texas Instruments |
|
61 / 79 page ![]() TLE202x, TLE202xA, TLE202xB, TLE202xY EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS SLOS191B – FEBRUARY 1997 – REVISED JANUARY 2002 61 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 MECHANICAL INFORMATION JG (R-GDIP-T8) CERAMIC DUAL-IN-LINE PACKAGE 4040107 / B 04/95 0.020 (0,51) MIN 0.200 (5,08) MAX 0.130 (3,30) MIN 14 5 8 0 °–15° 0.008 (0,20) 0.310 (7,87) 0.290 (7,37) 0.245 (6,22) 0.280 (7,11) Seating Plane 0.015 (0,38) 0.015 (0,38) 0.023 (0,58) 0.400 (10,20) 0.355 (9,00) 0.063 (1,60) 0.015 (0,38) 0.065 (1,65) 0.045 (1,14) 0.100 (2,54) NOTES: A. All linear dimensions are in inches (millimeters). B. This drawing is subject to change without notice. C. This package can be hermetically sealed with a ceramic lid using glass frit. D. Index point is provided on cap for terminal identification only on press ceramic glass frit seal only E. Falls within MIL-STD-1835 GDIP1-T8 |