| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SFH7779 Datasheet(PDF) 27 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
SFH7779 Datasheet(HTML) 27 Page - OSRAM GmbH |
|
27 / 35 page ![]() Version 1.2 SFH 7779 2016-04-25 27 PS INT Modes: Bit <5;4> of interrupt function setting register (0x4Ah) 00 PS_TH is active only: The INT state is active, if the PS measurement result is equal or higher than the set PS_TH high threshold. The INT state is inactive, if the PS measurement result is lower than the set PS_TH high thresh- old. PS signal PS INT active PS INT inactive PS_TH PS signal PS INT active PS INT inactive PS_TH 01 PS_TH & PS_TL (PS high & low threshold) are active as hysteresis: PS_TH and PS_TL are working as a hysteresis. If the PS measurement signal is higher than the PS high threshold (PS_TH) the INT state is switched to active. If the PS measurement signal is lower than the PS low threshold (PS_TL) the INT state is inactive. If once the interrupt signal becomes active, the INT status is kept active until the measurement result becomes less than the PS_TL register value. PS signal PS INT active PS INT inactive PS_TH PS_TL PS signal PS INT active PS INT inactive PS_TH PS_TL 10 PS_TH & PS_TL (PS high & low threshold) are active as outside detection: In case of “PS outside detection“ mode interrupt signal inactive means that the measurement result is within the registered threshold level and the interrupt signal active means that the meas- urement result is out of registered threshold level. PS signal PS INT active PS INT inactive PS_TH PS_TL |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |