Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PE39472-9 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

No. de pieza PE39472-9
Descripción Electrónicos  TNC Male Right Angle to TNC Male Right Angle Semi-Flexible Precision Cable 9 Inch Length Using PE-SR405FL Coax, RoHS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PASTERNACK [Pasternack Enterprises, Inc.]
Página de inicio  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE39472-9 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE39472-9 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE39472-9 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE39472-9 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
Hand Formable TNC Male Right Angle to TNC Male Right Angle Semi-Flexible Precision Cable 9 Inch
Length Using PE-SR405FL Coax, RoHS
Pasternack’s formable cable assemblies are hand formable semi-rigid replacements that are an alternative to costly
preformed assemblies. The formable semi-rigid cable alternatives are dimensionally and electrically similar to their semi-
rigid counterpart and have a tinned-copper-braid outer shield that provides excellent RF shielding. The hand formable
cable assemblies from Pasternack do not require special tooling to shape or reshape the assemblies and can replace
standard semi-rigid versions. The assemblies are available with or without a PVC jacket and are RoHS compliant,
• Dimensionally and electrically the same as standard, solid outer conductor semi-rigid coax
• Cable may be formed by hand and does not require special tools to bend
• May be formed more than once without damaging the outer conductor
• High RF Shielding >100 dB
• 100% Hi-pot and continuity tested
• 100% VSWR tested to max frequency of assembly
• Standard and custom lengths ship the same day
Configuration
Connector 1
TNC Male Right Angle
Connector 2
TNC Male Right Angle
Cable Type
PE-SR405FL
Electrical Specifications
Frequency Range, GHz
DC to 6
Impedance, Ohms
50
Maximum VSWR
1.5:1
Velocity of Propagation, %
69
RF Shielding, dB
100
Maximum Operating Voltage, Vrms
500
Typical Performance by Frequency
Frequency 1
Frequency, MHz
1000
Insertion Loss
0.225 dB/ft [ 0.74 dB/m ]
Frequency 2
Frequency, GHz
5
Insertion Loss
0.549 dB/ft [ 1.8 dB/m ]
Mechanical Specifications
Cable Assembly
Cable Type
PE-SR405FL
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventoryandcertifications: TNC Male Right Angle to TNC Male Right Angle Semi-Flexible Precision Cable 9 Inch Length
Using PE-SR405FL Coax, RoHS PE39472-9
PE39472-9 REV
PE39472-9
TNC Male Right Angle to TNC Male Right Angle Semi-Flexible
Precision Cable 9 Inch Length Using PE-SR405FL Coax, RoHS


Número de pieza similar - PE39472-9

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pasternack Enterprises,...
PE39472-12 PASTERNACK-PE39472-12 Datasheet
336Kb / 3P
TNC Male Right Angle to TNC Male Right Angle Semi-Flexible Precision Cable 12 Inch Length Using PE-SR405FL Coax, RoHS
PE39472-18 PASTERNACK-PE39472-18 Datasheet
338Kb / 3P
TNC Male Right Angle to TNC Male Right Angle Semi-Flexible Precision Cable 18 Inch Length Using PE-SR405FL Coax, RoHS
PE39472-24 PASTERNACK-PE39472-24 Datasheet
336Kb / 3P
TNC Male Right Angle to TNC Male Right Angle Semi-Flexible Precision Cable 24 Inch Length Using PE-SR405FL Coax, RoHS
PE39472-6 PASTERNACK-PE39472-6 Datasheet
337Kb / 3P
TNC Male Right Angle to TNC Male Right Angle Semi-Flexible Precision Cable 6 Inch Length Using PE-SR405FL Coax, RoHS
More results

Descripción similar - PE39472-9

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pasternack Enterprises,...
PE39472 PASTERNACK-PE39472 Datasheet
337Kb / 3P
TNC Male Right Angle to TNC Male Right Angle Semi-Flexible Precision Cable Using PE-SR405FL Coax, RoHS
PE39473 PASTERNACK-PE39473 Datasheet
334Kb / 3P
TNC Male to TNC Male Right Angle Semi-Flexible Precision Cable Using PE-SR405FL Coax, RoHS
PE39472-6 PASTERNACK-PE39472-6 Datasheet
337Kb / 3P
TNC Male Right Angle to TNC Male Right Angle Semi-Flexible Precision Cable 6 Inch Length Using PE-SR405FL Coax, RoHS
PE39472-12 PASTERNACK-PE39472-12 Datasheet
336Kb / 3P
TNC Male Right Angle to TNC Male Right Angle Semi-Flexible Precision Cable 12 Inch Length Using PE-SR405FL Coax, RoHS
PE39472-18 PASTERNACK-PE39472-18 Datasheet
338Kb / 3P
TNC Male Right Angle to TNC Male Right Angle Semi-Flexible Precision Cable 18 Inch Length Using PE-SR405FL Coax, RoHS
PE39472-24 PASTERNACK-PE39472-24 Datasheet
336Kb / 3P
TNC Male Right Angle to TNC Male Right Angle Semi-Flexible Precision Cable 24 Inch Length Using PE-SR405FL Coax, RoHS
PE39473-6 PASTERNACK-PE39473-6 Datasheet
334Kb / 3P
TNC Male to TNC Male Right Angle Semi-Flexible Precision Cable 6 Inch Length Using PE-SR405FL Coax, RoHS
PE39473-9 PASTERNACK-PE39473-9 Datasheet
334Kb / 3P
TNC Male to TNC Male Right Angle Semi-Flexible Precision Cable 9 Inch Length Using PE-SR405FL Coax, RoHS
PE39473-12 PASTERNACK-PE39473-12 Datasheet
335Kb / 3P
TNC Male to TNC Male Right Angle Semi-Flexible Precision Cable 12 Inch Length Using PE-SR405FL Coax, RoHS
PE39473-24 PASTERNACK-PE39473-24 Datasheet
335Kb / 3P
TNC Male to TNC Male Right Angle Semi-Flexible Precision Cable 24 Inch Length Using PE-SR405FL Coax, RoHS
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com