| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
5220-DS03-R Datasheet(PDF) 75 Page - Broadcom Corporation. |
|
|
|||||||||||||||||||||||||||||
5220-DS03-R Datasheet(HTML) 75 Page - Broadcom Corporation. |
|
75 / 90 page ![]() Preliminary Data Sheet BCM5220 04/20/04 Broa d c om Co rp o r a t i o n Document 5220-DS04-405-R Auxiliary Status 4 Register (Shadow Register) Page 63 Figure 9: MII Link Failure or Stream Cipher Error During Receive Packet Figure 10: MII False Carrier Sense Timing (100BASE-TX) Table 41 provides the parameters for 10BASE-T transmit timing. Figure 11 illustrates 10BASE-T transmit start of timing packet. Table 41: MII 10BASE-T Transmit Timing Parameter Symbol Min Typ Max Unit TXC Cycle Time (10BASE-T) TXC_CYCLE 395 400 405 ns Note: TXD, TXEN delivered to the BCM5220 should be generated of the rising edge of TXC. RXDV RXD RXC CRS DATA ERROR CODE (2 OR 3) RXER LINK/ LOCK 0 0 RXDV RXD RD ± RXC CRS RXER 0 E I I II I I II II I I II I I I I I I |