Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

CDB7121P Datasheet(PDF) 4 Page - Cirrus Logic

No. de pieza CDB7121P
Descripción Electrónicos  Flexible PCB for full acoustic validation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CIRRUS [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB7121P Datasheet(HTML) 4 Page - Cirrus Logic

  CDB7121P Datasheet HTML 1Page - Cirrus Logic CDB7121P Datasheet HTML 2Page - Cirrus Logic CDB7121P Datasheet HTML 3Page - Cirrus Logic CDB7121P Datasheet HTML 4Page - Cirrus Logic CDB7121P Datasheet HTML 5Page - Cirrus Logic CDB7121P Datasheet HTML 6Page - Cirrus Logic CDB7121P Datasheet HTML 7Page - Cirrus Logic CDB7121P Datasheet HTML 8Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
DS1126DB1
CDB7121P
2 Quick Setup Guide
2 Quick Setup Guide
As a standalone PCB, the CDB7121P can be used in a pressure field acoustic test setup or free field acoustic test setup.
It can also be connected to a compatible codec main board to enable full signal path setup within a system platform.
Acoustic measurements can be obtained using a number of different methods. Typical acoustic test setups, using a
comparison method, are shown in Section 2.1 and Section 2.2.
2.1 Pressure field acoustic test
Recommendations for accurate pressure field measurements are as follows:
•
Ensure calibrated test equipment is used for making measurements
•
Ensure CDB7121P acoustic port hole is tightly sealed within the pressure field test cavity
•
Ensure CDB7121P and reference mic are placed close together with minimum placement error
•
Use a suitable test microphone—a pressure field reference microphone is recommended
•
Ensure the pressure field test cavity is tightly sealed
•
Measurements should be performed within a quiet environment
Figure 2-1. Pressure field test setup with CDB7121P
Pressure Field
Reference Mic
Test
Speaker
Power
Quiet Environment
Sound
Pressure
Level
Standard Test Equipment
Test Point
Connections
Pressure Field Test Cavity
CDB7121P



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com