Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

X4285AM Datasheet(PDF) 18 Page - Xicor Inc.

No. de pieza X4285AM
Descripción Electrónicos  CPU Supervisor with 128K EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  XICOR [Xicor Inc.]
Página de inicio  http://www.xicor.com
Logo XICOR - Xicor Inc.

X4285AM Datasheet(HTML) 18 Page - Xicor Inc.

Back Button X4285AM Datasheet HTML 14Page - Xicor Inc. X4285AM Datasheet HTML 15Page - Xicor Inc. X4285AM Datasheet HTML 16Page - Xicor Inc. X4285AM Datasheet HTML 17Page - Xicor Inc. X4285AM Datasheet HTML 18Page - Xicor Inc. X4285AM Datasheet HTML 19Page - Xicor Inc. X4285AM Datasheet HTML 20Page - Xicor Inc. X4285AM Datasheet HTML 21Page - Xicor Inc. X4285AM Datasheet HTML 22Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
X4283/85 – Preliminary Information
Characteristics subject to change without notice.
18 of 22
REV 1.17 11/27/00
www.xicor.com
RESET Output Timing
VTRIP Programming Timing Diagram (WEL = 1)
VTRIP Programming Parameters
Symbol
Parameter
Min.
Typ.
Max.
Unit
tWDO
Watchdog Time Out Period,
WD1 = 1, WD0 = 0
WD1 = 0, WD0 = 1
WD1 = 0, WD0 = 0 (factory setting)
100
450
1
250
650
1.5
400
850
2
ms
ms
sec
tRST
Reset Time Out
100
250
400
ms
Parameter
Description
Min.
Max.
Unit
tVPS
VTRIP Program Enable Voltage Setup time
1
µs
tVPH
VTRIP Program Enable Voltage Hold time
1
µs
tTSU
VTRIP Setup time
1
µs
tTHD
VTRIP Hold (stable) time
10
ms
tWC
VTRIP Write Cycle Time
10
ms
tVPO
VTRIP Program Enable Voltage Off time (Between successive adjustments)
0
µs
tRP
VTRIP Program Recovery Period (Between successive adjustments)
10
ms
VP
Programming Voltage
15
18
V
VTRAN
VTRIP Programmed Voltage Range
2.55
4.75
V
Vta1
Initial VTRIP Program Voltage accuracy (VCC applied–VTRIP) (Programmed at 25°C.)
-0.1
+0.4
V
Vta2
Subsequent VTRIP Program Voltage accuracy [(VCC applied–Vta1)—VTRIP.
Programmed at 25°C.)
-25
+25
mV
Vtr
VTRIP Program Voltage repeatability (Successive program operations. Programmed
at 25°C.)
-25
+25
mV
Vtv
VTRIP Program variation after programming (0–75°C). (Programmed at 25°C.)
-25
+25
mV
VTRIP programming parameters are periodically sampled and are not 100% tested.
VCC
(VTRIP)
WP
tTSU
tTHD
tVPH
tVPS
VP
VTRIP
tVPO
SCL
SDA
A0h
01h or 03h
tRP
00h
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com