Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AIC1620 Datasheet(PDF) 10 Page - Analog Intergrations Corporation

No. de pieza AIC1620
Descripción Electrónicos  High Efficiency Synchronous Step-Up DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIC [Analog Intergrations Corporation]
Página de inicio  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1620 Datasheet(HTML) 10 Page - Analog Intergrations Corporation

Back Button AIC1620 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1620 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1620 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1620 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1620 Datasheet HTML 8Page - Analog Intergrations Corporation AIC1620 Datasheet HTML 9Page - Analog Intergrations Corporation AIC1620 Datasheet HTML 10Page - Analog Intergrations Corporation AIC1620 Datasheet HTML 11Page - Analog Intergrations Corporation AIC1620 Datasheet HTML 12Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AIC1620/AIC1621/AIC1622
10
Component Selection
1. Inductor Selection
An inductor value of 22
µH performs well in most
applications. The AIC1620 series also work with
inductors in the 10
µH to 47µH range. An inductor
with higher peak inductor current tends a higher
output voltage ripple (IPEAK×output filter capacitor
ESR). The inductor’s DC resistance significantly
affects efficiency. We can calculate the maximum
output current as follows:
η


×
=
L
2
V
V
t
I
V
V
I
IN
OUT
OFF
LIM
OUT
IN
)
MAX
(
OUT
where IOUT(MAX)=maximum output current in
amps
VIN=input voltage
L=inductor value in
µH
η=efficiency (typically 0.9)
tOFF=LX switch’off-time in µS
ILIM=0.45A or 0.8A
2. Capacitor Selection
The output voltage ripple relates with the peak in-
ductor current and the output capacitor ESR. Be-
sides output ripple voltage, the output ripple cur-
rent also needs to be concerned. The smaller the
capacitor ESR is, the higher the ripple current will
be. A filter capacitor with low ESR is helpful to
the efficiency and steady state output current of
AIC1620 series. Therefore HERMEI capacitor LT
series with 220
µF/6.3V is recommended. A
smaller capacitor (down to 10F with higher ESR)
is acceptable for light loads or in applications that
can tolerate higher output ripple.
3. PCB Layout and Grounding
Since AIC1622’s switching frequency can range
up to 500kHz, it makes AIC1622 become very
sensitive. So careful printed circuit layout is im-
portant for minimizing ground bounce and noise.
IC’s OUT pin should be as clear as possible. And
the GND pin should be placed close to the ground
plane. Keep the IC’s GND pin and the ground
leads of the input and output filter capacitors less
than 0.2in (5mm) apart. In addition, keep all con-
nection to the FB and LX pins as short as possi-
ble. In particular, when using external feedback
resistors, locate them as close to the FB as pos-
sible. To maximize output power and efficiency
and minimize output ripple voltage, use a ground
plane and solder the IC’s GND directly to the
ground plane. Following are the recommended
layout diagrams.
Figure 12. Top layer
Figure 13. Bottom layer
Figure 14. Placement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com