Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

CDBT-70 Datasheet(PDF) 2 Page - Comchip Technology

No. de pieza CDBT-70
Descripción Electrónicos  Small Signal Schottky Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  COMCHIP [Comchip Technology]
Página de inicio  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBT-70 Datasheet(HTML) 2 Page - Comchip Technology

  CDBT-70 Datasheet HTML 1Page - Comchip Technology CDBT-70 Datasheet HTML 2Page - Comchip Technology CDBT-70 Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
QW-BA003
RATING AND CHARACTERISTIC CURVES (CDBT-70/S/C/A-G)
Comchip Technology CO., LTD.
Page 2
REV:B
Small Signal Schottky Diodes
Company reserves the right to improve product design , functions and reliability without notice.
Forward Voltage, (V)
Fig.1 - Forward Characteristics
Fig.2 - Reverse Characteristics
Reverse Voltage, (V)
0
Fig.3 - Capacitance Characteristics
0
0.5
1.0
2.0
3.0
30
60
70
Ambient Temperature, (°C)
Fig.4 - Power Derating Curve
0
200
300
1.5
0
100
100
20
25
50
75
125
Reverse Voltage, (V)
0.01
0
1
10
40
60
70
20
30
50
10
0.1
TA=25°C
10
50
40
O
TJ=25 C
f=1MHz
TA=100°C
1.0
0.6
0.4
0.8
0
0.01
0.1
1
10
100
0.2
TA=25°C
TA=100°C
2.5
50
250
150



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com