| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
16F819 Datasheet(PDF) 49 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
16F819 Datasheet(HTML) 49 Page - Microchip Technology |
|
49 / 176 page ![]() 2004 Microchip Technology Inc. DS39598E-page 47 PIC16F818/819 FIGURE 5-10: BLOCK DIAGRAM OF RB2 PIN Data Latch RBPU(2) P VDD Q D CK Q D CK Q D EN Data Bus WR WR RD TRISB RD PORTB Weak Pull-up RD PORTB I/O pin(1) TTL Input Buffer TRIS Latch Note 1: I/O pins have diode protection to VDD and VSS. 2: To enable weak pull-ups, set the appropriate TRIS bit(s) and clear the RBPU bit. 0 1 0 1 CCPMX CCP SDO Module Select PORTB TRISB |