| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ASM692AEPA Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
ASM692AEPA Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation |
|
7 / 13 page ![]() 7 of 13 Notice: The information in this document is subject to change without notice ASM690A / 692A ASM802L / 802M ASM805L µP Power Supply Supervisor With Battery Backup Switch rev 1.0 October 2003 Monitoring Capabilities Of The Power-fail Input: Although designed for power supply failure monitoring, the PFI pin can be used for monitoring any voltage condition that can be scaled by means of a resistive divider. An example is the negative power supply monitor configured in Figure 8. In this case a good negative supply will hold the PFI pin below 1.25V and the PFO pin will be at logic “0”. As the negative voltage declines, the voltage at the PFI pin will rise until it exceeds 1.25V and the PFO pin will go to logic “1”. VCC PFI GND R1 R2 V- V- = VTRIP PFO +5V ASM690A ASM692A ASM802L ASM802M ASM805L +5V PFO 0V VTRIP V- 0V 51.25 – R1 ------------------- 1.25 VTRIP – R2 ------------------------------- = Figure 8: Using PFI To Monitor Negative Supply Voltage |