Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LR6300 Datasheet(PDF) 5 Page - Leshan Radio Company

No. de pieza LR6300
Descripción Electrónicos  Ultralow-Noise, High PSRR, Fast RF Low-Dropout CMOS Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LRC [Leshan Radio Company]
Página de inicio  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR6300 Datasheet(HTML) 5 Page - Leshan Radio Company

  LR6300 Datasheet HTML 1Page - Leshan Radio Company LR6300 Datasheet HTML 2Page - Leshan Radio Company LR6300 Datasheet HTML 3Page - Leshan Radio Company LR6300 Datasheet HTML 4Page - Leshan Radio Company LR6300 Datasheet HTML 5Page - Leshan Radio Company LR6300 Datasheet HTML 6Page - Leshan Radio Company LR6300 Datasheet HTML 7Page - Leshan Radio Company LR6300 Datasheet HTML 8Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TYPICAL PERFORMANCE CHARACTERISTICS(Continued)
APPLICATION INFORMATION
Setting The Output Voltage
Figure 1 shows the typical application circuit with
LR6300. The external resistor sets the
output voltage according to the following equation:
VOUT
0.6V
1
R1
R2
Table 1.Resistor select for output voltage setting
VOUT
R1
R2
1.2V
30.1K
30.1K
1.5V
45.3K
30.1K
1.8V
60.4K
30.1K
2.5V
95.3K
30.1k
2.8V
110K
30.1k
3.0V
120K
30.1K
3.3V
137K
30.1K
5.0V
221K
30.1k
LESHAN RADIO COMPANY, LTD.
5/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com