Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SXLP-3 Datasheet(PDF) 2 Page - Mini-Circuits

No. de pieza SXLP-3
Descripción Electrónicos  Low Pass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MINI [Mini-Circuits]
Página de inicio  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SXLP-3 Datasheet(HTML) 2 Page - Mini-Circuits

  SXLP-3 Datasheet HTML 1Page - Mini-Circuits SXLP-3 Datasheet HTML 2Page - Mini-Circuits SXLP-3 Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 3
Surface Mount
SXLP-3+
Applications
• Receivers/transmitters
• Defense communications
• Harmonic rejection
Electrical Specifications at 25°C
CASE STYLE: HF1139
Maximum Ratings
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power Input
0.5W max.
Permanent damage may occur if any of these limits are exceeded.
Features
• High rejection (30 dB typical)
• Sharp cut-off
• Aqueous washable
• Miniature shielded package
Typical Frequency Response
Functional Schematic
Typical Performance Data at 25°C
50Ω
DC to 3 MHz
Low Pass Filter
0
20
SXLP-3+
INSERTION LOSS (Full band)
0.0
0.4
0.8
40
60
80
0
1
10
100
1000
FREQUENCY (MHz)
0.8
01
23
FREQUENCY (MHz)
100
1000
SXLP-3+
VSWR
1
10
100
0
1
10
100
1000
FREQUENCY (MHz)
1.05
1.15
1.25
01
23
FREQUENCY (MHz)
0
20
SXLP-3+
INSERTION LOSS (Passband)
40
60
80
02468
10
FREQUENCY (MHz)
FREQUENCY (MHz)
325
375
SXLP-3+
GROUP DELAY
175
225
275
0.0
0.5
1.0
1.5
2.0
2.5
3.0
FREQUENCY (MHz)
FREQUENCY (MHz)
Parameter
F#
Frequency (MHz)
Min.
Typ.
Max.
Unit
Pass Band
Insertion Loss
DC-F1
DC-3
—
0.8
1.5
dB
Freq. Cut-Off
F2
3.5
—
3.5
—
dB
VSWR
DC-F1
DC-3
—
1.2
1.6
:1
Stop Band
Rejection Loss
F3-F4
4.6-800
20
30
—
dB
VSWR
F3-F4
4.6-800
—
35
—
:1
RF IN
RF OUT
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
Frequency
(MHz)
Group Delay
(nsec)
0.3
0.07
1.10
0.30
197.09
1.0
0.16
1.24
0.50
197.65
2.3
0.34
1.06
0.60
198.37
3.0
0.66
1.16
0.70
199.16
3.4
1.37
1.30
0.80
199.72
3.5
2.01
1.75
1.00
202.52
3.7
5.07
4.10
1.20
206.51
4.0
13.39
13.60
1.30
209.71
4.4
25.33
30.49
1.50
216.35
4.6
31.09
40.41
1.60
219.74
5.0
42.66
57.91
1.70
224.10
12.0
64.62
434.30
1.80
228.78
48.0
67.17
347.44
1.90
233.71
82.0
63.02
217.15
2.00
238.97
100.0
61.46
173.72
2.20
252.37
250.0
56.13
91.43
2.40
268.63
300.0
53.53
91.43
2.50
278.29
600.0
52.51
72.39
2.70
301.70
700.0
56.57
64.35
2.80
315.66
800.0
58.52
56.04
3.00
355.50
F1 F2
FREQUENCY (MHz)
F3
F4
DC
REV. A
M160153
SXLP-3+
EDR-10387U
RAV/URJ/NY
161230
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com