Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LTC3105EDD Datasheet(PDF) 2 Page - Linear Technology

No. de pieza LTC3105EDD
Descripción Electrónicos  DC/DC Converter with Power Point Control and LDO Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTC3105EDD Datasheet(HTML) 2 Page - Linear Technology

  LTC3105EDD Datasheet HTML 1Page - Linear Technology LTC3105EDD Datasheet HTML 2Page - Linear Technology LTC3105EDD Datasheet HTML 3Page - Linear Technology LTC3105EDD Datasheet HTML 4Page - Linear Technology LTC3105EDD Datasheet HTML 5Page - Linear Technology LTC3105EDD Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
dc1587f
DEMO MANUAL DC1587
QUICK START PROCEDURE
2. With the power off, connect a low voltage adjustable
power supply and three voltmeters as shown in Figure 1
(ammeters are optional). Switch the power supply on
and adjust the voltage to approximately 450mV, and
move the JP5 jumper to the ON position. With no load
resistor on either output, verify that the BOOST and LDO
output voltages are within the specifications shown in
Table 1. Increase the input voltage to 1.5V and connect
suitable load resistors to the output terminals to verify
the output voltages under load. The maximum Boost
output current is dependant on VIN and the maximum
LDO output current is 6mA
Maximum power point control (MPPC) prevents the
converter from pulling the input supply voltage down
below a preset voltage level when the maximum input
supply current is reached. The converter does this by
dynamically reducing the converter’s output voltage
and current as the input voltage begins to drop due
to the input power source current limitations. Without
MPPC, a converter would pull the input power source
down to near 0V, resulting in near zero output power.
MPPC is especially useful with power sources that have
relatively high or variable source impedances such as
solar cells and other energy harvesting devices. The
following exercise is to illustrate the MPPC function.
To demonstrate the MPPC function, place a 10Ω, 1W
resistor in series with the demo board input terminal
(VIN) to simulate a high impedance power source. Move
jumper JP2 (MPPC) to the 2V position and jumpers JP1
and JP3 to the 5V and 3V positions respectively and
connect voltmeters to measure VIN and boost VOUT.
With the power supply set to 3.5V, apply voltage to the
input. With an adjustable load on the boost output,
begin increasing the load on the 5V output.
Figure 1. Proper Measurement Equipment Setup



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com