| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SFH-4451 Datasheet(PDF) 12 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
SFH-4451 Datasheet(HTML) 12 Page - OSRAM GmbH |
|
12 / 13 page ![]() 2016-09-23 12 Version 1.4 SFH 4451 Glossary 1) Thermal resistance: junction -ambient, mounted on PC-board (FR4), padsize 16 mm2 each 2) Thermal resistance: junction - soldering point, of the device only, mounted on an ideal heatsink (e.g. metal block) 3) Typical Values: Due to the special conditions of the manufacturing processes of LED, the typical data or calculated correlations of technical parameters can only reflect statistical figures. These do not necessarily correspond to the actual parameters of each single product, which could differ from the typical data and calculated correlations or the typical characteristic line. If requested, e.g. because of technical improvements, these typ. data will be changed without any further notice. |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |