Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MP5013E Datasheet(PDF) 3 Page - Monolithic Power Systems

No. de pieza MP5013E
Descripción Electrónicos  5V, 2A, Programmable Current-Limit Switch with Over-Voltage Clamp and Slew Rate Control in a TSOT23-8
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPS [Monolithic Power Systems]
Página de inicio  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5013E Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP5013E Datasheet HTML 1Page - Monolithic Power Systems MP5013E Datasheet HTML 2Page - Monolithic Power Systems MP5013E Datasheet HTML 3Page - Monolithic Power Systems MP5013E Datasheet HTML 4Page - Monolithic Power Systems MP5013E Datasheet HTML 5Page - Monolithic Power Systems MP5013E Datasheet HTML 6Page - Monolithic Power Systems MP5013E Datasheet HTML 7Page - Monolithic Power Systems MP5013E Datasheet HTML 8Page - Monolithic Power Systems MP5013E Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
MP5013E
– 5V, 2A, PROGRAMMABLE CURRENT-LIMIT SWITCH
MP5013E Rev. 1.0
www.MonolithicPower.com
3
9/26/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VCC = 5V, RLIMIT = 22Ω, capacitive load = 10μF, TJ = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Power FET
Delay time
τDLY
Enable chip to ID = 40mA with a
5
Ω resistive load, float DV/DT
0.2
ms
On resistance
RDS(ON)
TJ = 85°C(5)
65
m
Ω
Off state output voltage
VOFF
VCC = 18V, VEN = 0V,
RL =
500Ω
120
mV
Thermal Latch
Shutdown temperature(5)
TSD
175
°C
Under- (UVP) and Over-Voltage Protection (OVP)
Output clamp voltage
VCLAMP
Over-voltage protection,
VCC = 8V
5.5
5.7
5.9
V
Under-voltage lockout
VUVLO
Rising edge
2.5
2.7
2.9
V
Under-voltage lockout hysteresis
VHYST
0.13
V
Current Limit (5)
Hold current
ILIM-SS
0
Ω short resistance,
RLIM = 22
Ω
2.7
3.5
4.3
A
Trip current
ILIM-OL
RLIM = 22
Ω
6.5
A
DV/DT Circuit
Rise time
τr
Float DV/DT, output rises from
10% to 90%
0.84
1.2
2.75
ms
Enable/Fault
Low-level input voltage
VIL
Output disabled
0.5
V
Intermediate-level input voltage
VI (INT)
Thermal fault, output disabled
0.82
1.3
1.95
V
High-level input voltage
VIH
Output enabled
2.5
V
High-state maximum voltage
VI (MAX)
4.95
V
Pull-up current (source)
IIL
VENABLE = 0V
15
25
35
μA
Maximum fan-out for
Enable/Fault signal
Maximum number of chips for
simultaneous shutdown
3
units
Maximum voltage on enable
(EN) (6)
VMAX
VCC
V
Total Device
Bias current
IBIAS
Device operational
890
950
μA
Enable shutdown
580
650
Thermal shutdown
600
700
Minimum operating voltage for
under-voltage lockout
VMIN
Enable < 0.5V
2.5
V
NOTES:
5) Guaranteed by characterization test.
6) Maximum input voltage on Enable/Fault is
≤6V if Vcc ≥ 6V. Maximum input voltage on Enable/Fault is Vcc if Vcc ≤ 6V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com