| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STLC2416 Datasheet(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLC2416 Datasheet(HTML) 15 Page - STMicroelectronics |
|
15 / 27 page ![]() 15/27 STLC2416 Technical perspective - Extended SCO eSCO incorporates CRC, negotiable data rate, negotiable retransmission window and multi-slot packets. Retransmission of lost or corrupted packets during the retransmission window guarantees on-time deliv- ery. Figure 5. eSCO 7.7 V1.2 detailed functionality - Adaptive Frequency Hopping User Perspective - Adaptive Frequency Hopping In the Bluetooth spec 1.1 the Bluetooth devices hop in the 2.4 GHz band over 79-channels. Since WLAN 802.11 has become popular, there are specification improvements in the 1.2-SIG spec for Bluetooth where the Bluetooth units can avoid the jammed bands and thereby provide an improved co-existence with WLAN. Technical perspective - Adaptive Frequency Hopping Figure 6. AFH First the Master and/or the Slaves identify the jammed channels. The Master decides on the channel dis- tribution and informs the involved slaves. The Master and the Slaves, at a predefined instant, switch to the new channel distribution scheme. No longer jammed channels are re-inserted into the channel distribution scheme. AFH uses the same hop frequency for transmission as for reception SCO SCO SCO SCO ACL ACL SCO SCO eSCO retransmission window t t WLAN used frequency WLAN used frequency t f f AFH(79) AFH(19<N<79) |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |